Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L373 Datasheet(PDF) 1 Page - IXYS Corporation

Part # L373
Description  HiPerDynFRED with soft recovery (Electrically Isolated Back Surface)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L373 Datasheet(HTML) 1 Page - IXYS Corporation

  L373 Datasheet HTML 1Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2000 IXYS All rights reserved
1 - 1
HiPerDynFREDTM
with soft recovery
(Electrically Isolated Back Surface)
Pulse test: x Pulse Width = 5 ms, Duty Cycle < 2.0 %
y Pulse Width = 300 µs, Duty Cycle < 2.0 %
Data according to IEC 60747 and per diode unless otherwise specified
IXYS reserves the right to change limits, test conditions and dimensions.
A = Anode, C = Cathode
* Patent pending
ISOPLUS 247TM
A
C
Isolated back surface *
C
A
Advanced Technical Information
Features
q
Silicon chip on Direct-Copper-Bond
substrate
- High power dissipation
- Isolated mounting surface
- 2500V electrical isolation
q
Low cathode to tab capacitance (<25pF)
q
International standard package
q
Planar passivated chips
q
Very short recovery time
q
Extremely low switching losses
q
Low I
RM-values
q
Soft recovery behaviour
q
Epoxy meets UL 94V-0
q
Isolated and UL registered E153432
Applications
q
Antiparallel diode for high frequency
switching devices
q
Antisaturation diode
q
Snubber diode
q
Free wheeling diode in converters
and motor control circuits
q
Rectifiers in switch mode power
supplies (SMPS)
q
Inductive heating
q
Uninterruptible power supplies (UPS)
q
Ultrasonic cleaners and welders
Advantages
q
Avalanche voltage rated for reliable
operation
q
Soft reverse recovery for low EMI/RFI
q
Low I
RM reduces:
- Power dissipation within the diode
- Turn-on loss in the commutating
switch
q
ISOPLUS 247TM package for clip or
spring mounting
Dimensions see IXYS CD 2000
DSEP 30-12CR
I
FAV
= 30 A
V
RRM = 1200 V
t
rr
= 20 ns
V
RSM
V
RRM
Type
V
V
1200
1200
DSEP 30-12CR
Symbol
Conditions
Maximum Ratings
I
FRMS
70
A
I
FAVM
T
C = 85°C; rectangular, d = 0.5
30
A
I
FRM
t
P < 10 µs; rep. rating, pulse width limited by TVJM
tbd
A
I
FSM
T
VJ = 45°C; tp = 10 ms (50 Hz), sine
250
A
E
AS
T
VJ = 25°C; non-repetitive
0.2
mJ
I
AS = 1.3 A; L = 180 µH
I
AR
V
A = 1.25·VR typ.; f = 10 kHz; repetitive
0.1
A
T
VJ
-55...+175
°C
T
VJM
175
°C
T
stg
-55...+150
°C
P
tot
T
C = 25°C
165
W
V
ISOL
50/60 Hz RMS; I
ISOL ≤ 1 mA
2.5
kV
Mounting force with clip
10...50/2...10
N/lb.
Weight
typical
6
g
Symbol
Conditions
Characteristic Values
typ.
max.
I
R
x
T
VJ = 25°C
V
R = VRRM
250
µA
T
VJ = 150°C VR = VRRM
2mA
V
F
y
I
F = 30 A;
T
VJ = 150°C
3.1
V
T
VJ =
25°C
5.0
V
R
thJC
0.9
K/W
R
thCH
with heatsink compound
0.25
K/W
t
rr
I
F = 1 A; -di/dt = 200 A/µs;
20
ns
V
R = 30 V; TVJ = 25°C
I
RM
V
R = 100 V;
I
F = 50 A; -diF/dt = 100 A/µs
4.0
A
T
VJ = 100°C


Similar Part No. - L373

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
L3705N VBSEMI-L3705N Datasheet
979Kb / 7P
N-Channel 60-V (D-S) MOSFET
logo
STMicroelectronics
L3751 STMICROELECTRONICS-L3751 Datasheet
4Mb / 41P
Wide 6 V to 75 V input voltage synchronous buck controller
08-Apr-2022
L3751PUR STMICROELECTRONICS-L3751PUR Datasheet
13Mb / 6P
75 V 15 A DC-DC converter buck regulator evaluation board with L3751 controller
24-Aug-2022
More results

Similar Description - L373

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSEP30-12CR IXYS-DSEP30-12CR Datasheet
19Kb / 1P
HiPerDynFRED with soft recovery (Electrically Isolated Back Surface)
DSEP30-06CR IXYS-DSEP30-06CR Datasheet
21Kb / 1P
HiPerDynFREDTM Epitaxial Diode with soft recovery (Electrically Isolated Back Surface)
IXFR38N80Q2 IXYS-IXFR38N80Q2 Datasheet
568Kb / 5P
Electrically Isolated Back Surface
DSEP2X25-12C IXYS-DSEP2X25-12C Datasheet
56Kb / 2P
HiPerDynFRED Epitaxial Diode with soft recovery
IXUC100N055 IXYS-IXUC100N055 Datasheet
575Kb / 2P
Electrically Isolated Back Surface
IXGC16N60C2 IXYS-IXGC16N60C2 Datasheet
541Kb / 2P
Electrically Isolated Back Surface
IXKC15N60C5 IXYS-IXKC15N60C5 Datasheet
119Kb / 4P
Electrically isolated back surface Electrically isolated back surface
IXGC16N60B2 IXYS-IXGC16N60B2 Datasheet
92Kb / 2P
Electrically Isolated Back Surface
DSS20-01AC IXYS-DSS20-01AC Datasheet
121Kb / 4P
Electrically Isolated Back Surface
DSEE8-06CC IXYS-DSEE8-06CC Datasheet
65Kb / 2P
Electrically Isolated Back Surface
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com