Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3751 Datasheet (PDF) - STMicroelectronics

L3751 Datasheet PDF - STMicroelectronics
Part # L3751
Download  L3751 Download
File Size   4561.1 Kbytes
Page   41 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Wide 6 V to 75 V input voltage synchronous buck controller

L3751 Datasheet (PDF)

Go To PDF Page Download Datasheet
L3751 Datasheet PDF - STMicroelectronics

Part # L3751
Download  L3751 Click to download

File Size   4561.1 Kbytes
Page   41 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Wide 6 V to 75 V input voltage synchronous buck controller

L3751 Datasheet (HTML) - STMicroelectronics


L3751 Product details

Description
The 6 V to 75 V wide input voltage range L3751 synchronous buck controller features
extreme voltage conversion ratio over switching frequency range (100 kHz - 1 MHz)
thanks to 40 nsec minimum conduction time.
The diode emulation (DEM) implements pulse skipping mode that maximizes the
efficiency at light-load giving controlled output voltage ripple. The forced PWM
(FPWM) over the load range makes the switching frequency constant and minimizes
the output voltage ripple.
The Power Good open collector output validates the regulated output voltage for
monitoring and it is useful to implement output voltage sequencing for digital ICs
during the power-up phase.
An embedded gate driver minimizes the number of external components and it is
designed for standard VTH MOSFET.
Embedded protections–output overcurrent, input voltage UVLO, internal voltage
monitoring, thermal shutdown - feature controlled and safe operation for critical
environments in telecom, networking and industrial applications.
The device is available in a QFN 20 leads 3.5 x 4.5 mm package with wettable flanks.

Features
• Wide 6 V to 75 V input voltage range
• Adjustable output voltage from 0.8 V to 60 V
• 100 kHz - 1 MHz switching frequency range
• 40 nsec minimum on-time for extreme duty ratio
• Low dropout operation during line transient
• Adjustable soft-start or input voltage tracking
• Pulse skipping or forced PWM operation at light load
• Synchronization
• Adjustable precision enable
• Power Good open collector output validates VOUT
• 7.5 V gate drivers for standard VTH MOSFETs
• Constant current protection with hiccup mode
• Precision or lossless programmable current sensing
• Improved line transient response
• Input voltage undervoltage lockout
• Internal voltage monitoring
• Thermal protection
• Operating junction temperature range: -40 °C to 150 °C

Applications
• Telecom, networking and industrial applications
• Failsafe systems
• Unregulated 24 V and 48 V input voltage bus
• Conversion from high voltage battery to 12 V and 5 V rail




Similar Part No. - L3751

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3751PUR STMICROELECTRONICS-L3751PUR Datasheet
13Mb / 6P
75 V 15 A DC-DC converter buck regulator evaluation board with L3751 controller
24-Aug-2022
More results


Similar Description - L3751

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40304A TI-TPS40304A_1 Datasheet
527Kb / 20P
3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40170 TI1-TPS40170_11 Datasheet
1Mb / 49P
4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
MARCH2011
TPS40170QRGYRQ1 TI-TPS40170QRGYRQ1 Datasheet
1Mb / 49P
4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40490 TI1-TPS40490 Datasheet
1Mb / 38P
5-V to 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170 TI-TPS40170_15 Datasheet
1Mb / 47P
TPS40170 4.5 V to 60 V Wide Input Synchronous PWM Buck Controller
TPS40170-EP TI-TPS40170-EP_15 Datasheet
1Mb / 50P
4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170-Q1 TI-TPS40170-Q1_15 Datasheet
1Mb / 51P
TPS40170-Q1 4.5-V to 60-V, Wide-Input, Synchronous PWM Buck Controller
TPS40304A TI-TPS40304A_15 Datasheet
726Kb / 19P
3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
LM5145 TI1-LM5145 Datasheet
2Mb / 67P
6-V to 75-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
TPS40345 TI1-TPS40345 Datasheet
1Mb / 26P
3-V to 20-V Input Synchronous Buck Controller
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com