Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3751 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L3751
Description  Wide 6 V to 75 V input voltage synchronous buck controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3751 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L3751 Datasheet HTML 5Page - STMicroelectronics L3751 Datasheet HTML 6Page - STMicroelectronics L3751 Datasheet HTML 7Page - STMicroelectronics L3751 Datasheet HTML 8Page - STMicroelectronics L3751 Datasheet HTML 9Page - STMicroelectronics L3751 Datasheet HTML 10Page - STMicroelectronics L3751 Datasheet HTML 11Page - STMicroelectronics L3751 Datasheet HTML 12Page - STMicroelectronics L3751 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
PGLTH
FB lower threshold for PGOOD high
to low
% of VREF, VFB falling
90
92
94
%
PGHYS_U
PGOOD upper threshold hysteresis
% of VREF
3
%
PGHYS_L
PGOOD lower threshold hysteresis
% of VREF
2
%
TPG-RISE (1) PGOOD rising filter
FB to PGOOD rising edge
10/FSW
µs
TPG-FALL (1) PGOOD falling filter
FB to PGOOD falling edge
10/FSW
µs
VPG-OL
PGOOD low state output voltage
VFB = 0.9 V, IPGOOD = 2 mA
150
mV
IPG-OH
PGOOD high state leakage current
VFB = 0.8 V, VPGOOD = 13 V; TJ = 25 °C
100
nA
Oscillator
FSW
Oscillator frequency
RRT = 100 kΩ
115
kHz
RRT = 25 kΩ
380
400
420
RRT = 11 kΩ
800
Synchronization input / output
FSYNC
SYNCIN external clock frequency
(> 100 kHz < 1 MHz)
% of nominal frequency set by RRT
-20
+50
%
VSYNC-IH
Minimum SYNCIN input logic high
2
V
VSYNC-IL
Maximum SYNCIN input logic low
0.8
V
RSYNCIN
SYNCIN input resistance
VSYNCIN = 3 V
20
kΩ
TSYNCI-PW SYNCIN input minimum pulse-width
Minimum high state or low state duration; TJ = 25
°C
50
ns
VSYNCO-OH SYNCOUT high state output voltage
ISYNCOUT = –1 mA (sourcing)
3
V
VSYNCO-OL SYNCOUT low state output voltage
ISYNCOUT = 1 mA (sinking)
0.4
V
TSYNCOUT
Delay from HO rising to SYNCOUT
leading edge
VSYNCIN = 0 V, TS = 1/FSW, FSW set by RRT
TS/2-140
ns
TSYNCIN
Delay from SYNCIN leading edge to
HO rising
50% to 50%, RT = 11 kΩ, VIN = 75 V
190
ns
Bootstrap and BST UVLO
IQ-BST
BST to SW quiescent current, not
switching
VSS/TRK = 0 V, VSW = 48 V, VBST = 54 V
300
500
µA
VBST-UV
BST to SW undervoltage detection
VBST – VSW falling
3.4
V
VBST-HYS
BST to SW undervoltage hysteresis
VBST – VSW rising
0.42
V
PWM Control
TON(MIN)
Minimum controllable on-time
VBST – VSW = 7 V, HO 50% to 50%
40
60
ns
TOFF(MIN)
Minimum off-time
VBST – VSW = 7 V, HO 50% to 50%
180
250
ns
DCMAX
Maximum duty cycle
FSW = 100 kHz, 6 V ≤ VVIN ≤ 60 V
98
99
%
FSW = 400 kHz, 6 V ≤ VVIN ≤ 60 V
90
94
%
VRAMP(min)
Ramp valley voltage (COMP at 0%
duty cycle)
300
mV
kFF
PWM feedforward gain (VIN / VRAMP) 6 V ≤ VVIN ≤ 75 V
30
V/V
PWM Control
IRS
ILIM source current, RSENSE
25 °C
90
100
110
µA
-40 °C to 125 °C
80
100
110
L3751
Electrical characteristics
DS13841 - Rev 1
page 9/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com