Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3751 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L3751
Description  Wide 6 V to 75 V input voltage synchronous buck controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3751 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L3751 Datasheet HTML 33Page - STMicroelectronics L3751 Datasheet HTML 34Page - STMicroelectronics L3751 Datasheet HTML 35Page - STMicroelectronics L3751 Datasheet HTML 36Page - STMicroelectronics L3751 Datasheet HTML 37Page - STMicroelectronics L3751 Datasheet HTML 38Page - STMicroelectronics L3751 Datasheet HTML 39Page - STMicroelectronics L3751 Datasheet HTML 40Page - STMicroelectronics L3751 Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
List of figures
Figure 1.
Simplified block diagram ............................................................. 2
Figure 2.
QFN pin connection (top view) ......................................................... 3
Figure 3.
Typical application.................................................................. 5
Figure 4.
EN / UVLO resistor divider ........................................................... 11
Figure 5.
RRT resistor value for fSW programming .................................................. 12
Figure 6.
Internal sawtooth ramp feedforward - voltage feed forward ..................................... 13
Figure 7.
Internal sawtooth ramp feedforward - Fsw adjusted by external resistor ............................ 13
Figure 8.
Soft-start block diagram ............................................................. 14
Figure 9.
Soft-start phase .................................................................. 14
Figure 10.
Schematic to implement input voltage tracking ............................................. 15
Figure 11.
Input voltage tracking .............................................................. 15
Figure 12.
SS/TRK clampler operation .......................................................... 16
Figure 13.
DEM vs. FPWM management in light load condition ......................................... 17
Figure 14.
DEM to FPWM smooth transition in 1000 clks at powerup ..................................... 18
Figure 15.
Efficiency typ. @ 240 KHz, VOUT = 5 V .................................................. 18
Figure 16.
Efficiency typ. @ 240 KHz, VOUT = 12 V ................................................. 18
Figure 17.
Efficiency typ. @ 240 KHz DEM vs. FPWM ............................................... 19
Figure 18.
DEM output voltage ripple at zero load .................................................. 19
Figure 19.
FPWM output voltage ripple at zero load ................................................. 20
Figure 20.
RILIM resistor connection to define lossless and precise OCP setting .............................. 20
Figure 21.
Constant current in persistent short-circuit ................................................ 21
Figure 22.
Hiccup in persistent short-circuit ....................................................... 21
Figure 23.
Voltage mode control loop ........................................................... 23
Figure 24.
Type II compensation network ........................................................ 24
Figure 25.
Type II compensation - Bode plot ...................................................... 25
Figure 26.
Type III compensation network ........................................................ 25
Figure 27.
Type III compensation - Bode plot ...................................................... 26
Figure 28.
L3751 application schematic ......................................................... 27
Figure 29.
Pulsed current paths in buck topology ................................................... 28
Figure 30.
High frequency gate-driving loops ...................................................... 29
Figure 31.
Board layout example .............................................................. 30
Figure 32.
QFN20 (3.5 x 4.5 mm) package outline .................................................. 32
Figure 33.
QFN20 (3.5 x 4.5 mm) recommended footprint ............................................. 34
Figure 34.
QFN20 (3.5 x 4.5 mm) tape drawing .................................................... 35
Figure 35.
QFN20 (3.5 x 4.5 mm) tape oriented .................................................... 35
Figure 36.
QFN20 (3.5 x 4.5 mm) reel dimensions .................................................. 36
L3751
List of figures
DS13841 - Rev 1
page 40/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com