Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3751 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L3751
Description  Wide 6 V to 75 V input voltage synchronous buck controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3751 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L3751 Datasheet HTML 17Page - STMicroelectronics L3751 Datasheet HTML 18Page - STMicroelectronics L3751 Datasheet HTML 19Page - STMicroelectronics L3751 Datasheet HTML 20Page - STMicroelectronics L3751 Datasheet HTML 21Page - STMicroelectronics L3751 Datasheet HTML 22Page - STMicroelectronics L3751 Datasheet HTML 23Page - STMicroelectronics L3751 Datasheet HTML 24Page - STMicroelectronics L3751 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
Figure 21. Constant current in persistent short-circuit
Figure 22. Hiccup in persistent short-circuit
The L3751 implements an improved pulse-by-pulse valley current sensing thanks to dedicated control logic for
an effective current protection over the duty cycle range. The device supports programmable valley current
monitoring across an optional sensing resistor for the best reading accuracy or across the on-state RSDON of the
low-side MOSFET to minimize the conduction losses, as shown in Figure 17.
The valley current threshold is easily programmed with series RILIM resistor connected from ILIM pin to the
selected sensing element (see Figure 17). As soon as the LO gate signal is driven high an internal generator
source a constant current out of the ILIM pin so the pin voltage is:
VILIMt = RILIM+Rx ∙IILIM−Rx∙IVYt ≈RILIM∙IILIM−Rx∙IVYt
(5)
where RX can be the low-side RDSON or the shunt resistor. An internal comparator monitors the pin voltage and
keeps the low LO signal high until it drops to VILIM TH threshold (- 2 mV typ.)
IILIM= 200μAat TJ=27℃  in case of RDSON lossles sensing                     
100μAat TJ=27℃  in case of precise sensing on sℎunt resistor
(6)
L3751
Overcurrent protection
DS13841 - Rev 1
page 21/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com