Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3751 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L3751
Description  Wide 6 V to 75 V input voltage synchronous buck controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3751 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L3751 Datasheet HTML 20Page - STMicroelectronics L3751 Datasheet HTML 21Page - STMicroelectronics L3751 Datasheet HTML 22Page - STMicroelectronics L3751 Datasheet HTML 23Page - STMicroelectronics L3751 Datasheet HTML 24Page - STMicroelectronics L3751 Datasheet HTML 25Page - STMicroelectronics L3751 Datasheet HTML 26Page - STMicroelectronics L3751 Datasheet HTML 27Page - STMicroelectronics L3751 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
GLOOPs =GPWM0∙GLCs ∙GCOMPs
(13)
The implemented compensation networks represented with GCOMP(s) terms depend on the characteristics of the
selected output capacitor, as explained in the following chapters.
7.2
Type II compensation network
If the equivalent series resistance (RES) of the output capacitor introduces a zero with a frequency inside the
desired bandwidth (that is: 2π
∗ RES ∗ CO > 1 / BW), this zero helps stabilize the loop. Electrolytic capacitors
show non-negligible ESR (> 30 mΩ typically), so with this kind of output capacitor the type II network combined
with the zero of the ESR allows the loop to be stabilized.
Figure 24. Type II compensation network
EA
ZF
RU
RD
COMP
VREF
V OUT
FB
CP
CF
RF
The type II compensation network transfer function, from VOUT to COMP, is computed in the equation below:
GCOMPIIs =−ZFsRU =−1∙ 1+ s2π∙fZ1
s2π∙fP0∙ 1+ s2π∙fP1HF
(14)
fZ1= 12π∙RF∙CFfP0= 1
2π∙ CF+CP ∙RUfP1HF= 1
2π∙RF∙CF∥CP
(15)
The following suggestions can be followed for a quite common compensation strategy, assuming that CP << CF.
GLOOP(s) in case of type II compensation network and electrolytic output capacitors can be written as follows at
the at s = 2π * fBW to derive the RF / RU ratio as fixed:
GLOOPIIs=2π∙fBW ≅ 1KFF∙ fLC2fZESR∙RFRU∙ 1fBW=1
(16)
After choosing the regulator bandwidth (typically fBW < 0.2 * fSW) and a value for RU, usually between 1 kΩ and
50 kΩ in order to achieve CF and CP not comparable with parasitic capacitance of the board, the RF required
value is calculated as follows from the previous equation:
RF=KFF∙fZESR∙fBW
fLC2 ∙RU
(17)
Select CF in order to place fZ1 below fLC (typically 0.1 * FLC) and CP to place fP1HF at 0.5 * fSW
CF= 1
2π∙RF∙0.1∙fLC        CP= 1
2π∙RF∙0.5∙fSW
(18)
L3751
Type II compensation network
DS13841 - Rev 1
page 24/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com