Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3751 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L3751
Description  Wide 6 V to 75 V input voltage synchronous buck controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3751 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L3751 Datasheet HTML 2Page - STMicroelectronics L3751 Datasheet HTML 3Page - STMicroelectronics L3751 Datasheet HTML 4Page - STMicroelectronics L3751 Datasheet HTML 5Page - STMicroelectronics L3751 Datasheet HTML 6Page - STMicroelectronics L3751 Datasheet HTML 7Page - STMicroelectronics L3751 Datasheet HTML 8Page - STMicroelectronics L3751 Datasheet HTML 9Page - STMicroelectronics L3751 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Table 2. Schematic application components description
Symbol
Description
CIN
Input capacitor
CBST
Bootstrap capacitor
COUT
Output capacitor
CC
Compensation capacitor
CP
Compensation capacitor
RF
Compensation resistor
CS
Feedforward capacitor
RS
Feedforward resistor
RU
High-side feedback resistor
RD
Low-side feedback resistor
CSS
Soft-start capacitor
RRT
Frequency adjust resistor
RLIM
Current limit resistor
LF
Buck inductor
Q1
High-side MOSFET
Q2
Low-side MOSFET
D
Bootstrap Diode
L3751
Typical application circuit
DS13841 - Rev 1
page 6/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com