Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3751 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L3751
Description  Wide 6 V to 75 V input voltage synchronous buck controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3751 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L3751 Datasheet HTML 9Page - STMicroelectronics L3751 Datasheet HTML 10Page - STMicroelectronics L3751 Datasheet HTML 11Page - STMicroelectronics L3751 Datasheet HTML 12Page - STMicroelectronics L3751 Datasheet HTML 13Page - STMicroelectronics L3751 Datasheet HTML 14Page - STMicroelectronics L3751 Datasheet HTML 15Page - STMicroelectronics L3751 Datasheet HTML 16Page - STMicroelectronics L3751 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
Figure 6. Internal sawtooth ramp feedforward - voltage feed forward
Vs
Vcomp
Ton
a*Vs
Ton/a
VIN
a*VIN
Ramp slope = Vs/T
T
Ramp slope = a*Vs/T
T
Figure 7. Internal sawtooth ramp feedforward - Fsw adjusted by external resistor
Vs
Vcomp
Ton
Ton/a
Fsw
a*Fsw
Ramp slope = Vs/T
T
Ramp slope = a*Vs/T
T/a
Vs
The device generates a synchronization signal available at the SYNCOUT pin that has 180° phase shift referred
to the rising edge of the internal oscillator. Synchronized operation is easily accomplished connecting the
SYNCOUT of the master to the SINCIN of the slave device to reduce the RMS current of the input filter and
increase the EMI performance.
6.3
Soft-start
The soft-start (SS) feature minimizes the inrush current surge, decreases the stress of the power components
during the power-up phase and makes the output voltage increase monotonically.
The device is inhibited as long as the EN/UVLO pin voltage is lower than the 0.4 V typ.
As soon as the EN/UVLO pin voltage exceeds the 1.2 V typ. rising threshold the soft-start phase takes place;
an internal 10 µA typ. current source charges the external soft-start capacitor to ramp the SS/TRK pin voltage,
clamping the internal error amplifier reference voltage. When the SS/TRK voltage exceeds the 0.8 V threshold the
internal EA reference drives the non-inverting input so the SS is ended.
L3751
Soft-start
DS13841 - Rev 1
page 13/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com