Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3751 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L3751
Description  Wide 6 V to 75 V input voltage synchronous buck controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3751 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L3751 Datasheet HTML 6Page - STMicroelectronics L3751 Datasheet HTML 7Page - STMicroelectronics L3751 Datasheet HTML 8Page - STMicroelectronics L3751 Datasheet HTML 9Page - STMicroelectronics L3751 Datasheet HTML 10Page - STMicroelectronics L3751 Datasheet HTML 11Page - STMicroelectronics L3751 Datasheet HTML 12Page - STMicroelectronics L3751 Datasheet HTML 13Page - STMicroelectronics L3751 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IRDSON
ILIM source current, RDS(on) mode
SW voltage detected at ILIM, TJ = 25 °C
180
200
220
µA
IRSTC (1)
ILIM current temperature
compensation
RDS-ON mode
4500
ppm/°
C
RSENSE mode
0
VILIM-TH
ILIM comparator threshold at ILIM
-9
-2
4.5
mV
Short-circuit protection (SCP)
VCLAMP-OS
Clamp offset voltage – no current
limiting
CLAMP to COMP steady-state offset voltage;
-40 ≤ TJ ≤ +125 °C
0.2 +
VVIN/150
V
VCLAMP-MIN Minimum clamp voltage
CLAMP voltage with continuous current limiting;
-40 ≤ TJ ≤ +125 °C
0.3 +
VVIN/300
V
Short-circuit protection (SCP)
CHICC-DEL Hiccup mode activation delay
Clock cycles with current limiting before hiccup
off-time activated
128
cycles
CHICCUP
Hiccup mode off-time after activation
Clock cycles with no switching followed by
SS/TRK release
8192
cycles
Diode Emulation
VZCD-SS
Zero-cross detect (ZCD) soft-start
ramp
ZCD threshold measured at SW pin
50 clock cycles after first HO pulse
0
mV
VZCD-DIS
Zero-cross detect disable threshold
(CCM)
ZCD threshold measured at SW pin
1000 clock cycles after first HO pulse
200
mV
VDEM-TH
Diode emulation zero-cross threshold Measured at SW with VSW rising
-7
-2
4
mV
Gate Drivers
RHO-UP
HO high-state resistance, HO to BST VBST – VSW = 7 V, IHO = –100 mA
1.5
Ω
RHO-DOWN
RHO-DOWN HO low-state resistance,
HO to SW
VBST – VSW = 7 V, IHO = 100 mA
0.9
Ω
RLO-UP
LO high-state resistance, LO to VCC
VBST – VSW = 7 V, ILO = –100 mA
1.5
Ω
RLO-DOWN LO low-state resistance, LO to PGND VBST – VSW = 7 V, ILO = 100 mA
0.9
Ω
IHOH, ILOH
(1)
HO, LO source current
VBST – VSW = 7 V, HO = SW, LO = AGND
2.3
A
IHOL, ILOL
(1)
HO, LO sink current
VBST – VSW = 7 V, HO = BST, LO = VCC
3.5
A
THO-TR,
TLO-TR
HO, LO rise times
VBST – VSW = 7 V, CLOAD = 1 nF, 20% to 80%
7
ns
THO-TF
TLO-TF
HO, LO fall times
VBST – VSW = 7 V, CLOAD = 1 nF, 80% to 20%
4
ns
THO-DT (1)
HO turn-on deadtime
VBST – VSW = 7 V, LO off to HO on, 50% to 50%
14
ns
TLO-DT (1)
LO turn-on deadtime
VBST – VSW = 7 V, HO off to LO on, 50% to 50%
14
ns
Thermal protection
TSD
Thermal shutdown threshold
TJ rising
175
°C
TSD-HYS
Thermal shutdown hysteresis
20
°C
1. Specified by design – not tested in production.
Note:
All minimum and maximum limits are specified by correlating the electrical characteristics to process and
temperature variations and applying statistical process control.
L3751
Electrical characteristics
DS13841 - Rev 1
page 10/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com