Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3751 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L3751
Description  Wide 6 V to 75 V input voltage synchronous buck controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3751 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L3751 Datasheet HTML 23Page - STMicroelectronics L3751 Datasheet HTML 24Page - STMicroelectronics L3751 Datasheet HTML 25Page - STMicroelectronics L3751 Datasheet HTML 26Page - STMicroelectronics L3751 Datasheet HTML 27Page - STMicroelectronics L3751 Datasheet HTML 28Page - STMicroelectronics L3751 Datasheet HTML 29Page - STMicroelectronics L3751 Datasheet HTML 30Page - STMicroelectronics L3751 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
8
Application notes
8.1
Output voltage divider
The error amplifier reference voltage is 0.85 V typical.
Referring to Figure 23 for Type II compensator and Figure 25 for type III, the output voltage is adjusted as follows:
VOUT=0.8∙ 1+RURD
(25)
Figure 28. L3751 application schematic
CIN
SS/TRK
RT
SW
ILIM
RILIM
BST
HO
LO
PGND
LF
COUT
VCC
VIN
RRT
COMP
FB
AGND
CSS
RF
CF
CP
RD
RS
CS
RU
FB
VOUT
VIN
EN
SYNCOUT
SYNCIN
CVCC
CBST
D
QHS
QLS
8.2
Synchronization (forced PWM)
Beating frequency noise is an issue when multiple switching regulators populate the same application board. The
L3751 synchronization circuitry features the same switching frequency for a set of regulators simply connecting
the SYNCOUT of the master to the SYNCIN pin of the slaves together, so preventing beating noise. The master
device provides the synchronization signal to the others.
For proper synchronization of multiple regulators, all of them have to be configured with the same switching
frequency (see Section 5.2), so the same resistor value connected at the RT pin. Alternatively, the SINCIN can be
driven by an external clock signal in accordance with electrical parameters defined in Table 7. The external clock
frequency range at SYNCIN pin is -20% to +50% of the programmed oscillator frequency with the RT resistor.
L3751
Application notes
DS13841 - Rev 1
page 27/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com