Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3751 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L3751
Description  Wide 6 V to 75 V input voltage synchronous buck controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3751 Datasheet(HTML) 4 Page - STMicroelectronics

  L3751 Datasheet HTML 1Page - STMicroelectronics L3751 Datasheet HTML 2Page - STMicroelectronics L3751 Datasheet HTML 3Page - STMicroelectronics L3751 Datasheet HTML 4Page - STMicroelectronics L3751 Datasheet HTML 5Page - STMicroelectronics L3751 Datasheet HTML 6Page - STMicroelectronics L3751 Datasheet HTML 7Page - STMicroelectronics L3751 Datasheet HTML 8Page - STMicroelectronics L3751 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
QFN Pin
Die PAD
Name
Function
7
SYNCOUT
Synchronization output implements 180° phase shifted referred to HO driving
signal if the regulator is master. If synchronized to an external clock the signal is
in phase with SYNCIN.
8
SYNCIN
Synchronization input and DEM (Diode Emulation) / FPWM (Forced PWM)
selection.
The device always implements DEM during soft-start to support pre-charged
output capacitor at device startup. Low logic level selects DEM, high logic level
or synchronization clock input enables the forced PWM. The device features a
smooth transition DEM to FPWM thanks to embedded dedicated circuitry.
9
NC
Not internally connected
10
PGOOD
Power Good output collector is driven in low impedance when the FB voltage is
out of the regulation window.
11
ILIM
Valley current limit adjust and current sense comparator input. A series resistor
programs valley current threshold for accurate sensing across external sensing
resistor or lossless sensing directly on the drain of the low-side MOSFET.
12
PGND
Power ground
13
LO
Low-side MOSFET gate drive output. Optional series resistor may be connected
to adjust switching times for EMI compatibility.
14
VCC
Output of the internal 7.5 V linear regulator that powers the embedded voltage
gate driver. Connect high quality mlcc capacitor (470 nF≤ CVCC ≤ 2 µF) to power
ground.
15
EP
Pin internally connected to exposed pad and electrically isolated. Connect to
PGND plane.
16
NC
Not internally connected
17
BST
Bootstrap supply for the high-side gate driver. Connect an external diode
between VCC and BOOT and capacitor (100 nF typ.) between BOOT and SW
pins.
18
HO
High-side MOSFET gate drive output. Optional series resistor may be
connected to adjust switching times for EMI compatibility.
19
SW
Switching node to be connected to the source of the HS MOSFET, drain of the
LS MOSFET and bootstrap capacitor terminal.
20
VIN
Voltage input for the internal circuitry and VCC linear regulator.
E.P.
EP
Exposed Pad. Connect to PGND plane.
L3751
Pin configuration
DS13841 - Rev 1
page 4/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com