Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3751 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L3751
Description  Wide 6 V to 75 V input voltage synchronous buck controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3751 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L3751 Datasheet HTML 19Page - STMicroelectronics L3751 Datasheet HTML 20Page - STMicroelectronics L3751 Datasheet HTML 21Page - STMicroelectronics L3751 Datasheet HTML 22Page - STMicroelectronics L3751 Datasheet HTML 23Page - STMicroelectronics L3751 Datasheet HTML 24Page - STMicroelectronics L3751 Datasheet HTML 25Page - STMicroelectronics L3751 Datasheet HTML 26Page - STMicroelectronics L3751 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
7
Closing the loop
7.1
Total transfer function
The compensation network assures stability and good dynamic performance over the application conditions.
The loop of the L3751 is based on the voltage mode control. The embedded wide bandwidth operational amplifier
can be considered ideal in the calculation of the compensator since its frequency response is much larger than
designed system bandwidth.
Figure 23. Voltage mode control loop
VS
PWM
EA
VIN
L
CO
RES
RO
RDC
ZF
ZS
RU
RD
COMP
VREF
Power
section
Compensation
network
switch
HS
switch
LS
The transfer function of the PWM modulator, from the error amplifier output (COMP pin) to the LX pin results in an
almost constant gain, due to the voltage feedforward which generates a sawtooth with amplitude VS directly
proportional to the input voltage.
GPWM0=VINVS= 1KFF=15
(8)
The transfer function of the power section (i.e. the L-C filters and the output load) is:
GLC s = RO∥ RO+1s∙CO
RO∥ RO+1s∙CO +s∙CO+RDC
(9)
given L, RDC, C0, RES and R0 as defined in Figure 10.
For convenience, the GLC can be written as:
GLC s =GLC0∙ 1+ s2π∙fZESR
1+ s2π∙Q∙fLC+ s2π∙fLC2wℎereGLC0= RORO+RDC≈1
(10)
fZESR= 1
2π∙CO∙RES             fLC= 1
2π∙ L∙CO∙ RO+RES
RO+RDC≈ 12π∙L∙CO
(11)
Q= L∙CO∙ RO+RDC RO+RES
L+CO∙ RO∙RDC+RO∙RES+RES∙RDC ≈ L∙CO∙ROL= COL∙RO
(12)
assuming the inductor and output capacitor parasitic resistance, RDC and RES, negligible compared to RO.
The total closed loop gain is:
L3751
Closing the loop
DS13841 - Rev 1
page 23/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com