Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3751 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L3751
Description  Wide 6 V to 75 V input voltage synchronous buck controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3751 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L3751 Datasheet HTML 7Page - STMicroelectronics L3751 Datasheet HTML 8Page - STMicroelectronics L3751 Datasheet HTML 9Page - STMicroelectronics L3751 Datasheet HTML 10Page - STMicroelectronics L3751 Datasheet HTML 11Page - STMicroelectronics L3751 Datasheet HTML 12Page - STMicroelectronics L3751 Datasheet HTML 13Page - STMicroelectronics L3751 Datasheet HTML 14Page - STMicroelectronics L3751 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
6
Functional description
The L3751 device is a native buck controller based on constant frequency voltage mode architecture.
The output voltage VOUT, sensed by the feedback pin (FB), is compared to an internal reference (0.8 V)
providing an error signal on the COMP pin. The comparison between the COMP voltage level and the internal
programmable frequency sawtooth ramp, controls the activation time of the external power switches.
The main internal blocks are shown in the block diagram in Figure 1 and can be summarized as follows:
•
The voltage regulator to supply the internal circuitry and provide a fixed internal reference. This block also
implements a voltage monitor circuitry (UVLO) that checks the input and internal voltages
•
The embedded external N-channel MOSFET drivers and the bootstrap capacitor circuitry to supply the
high-side driver
•
The embedded circuitry that generates the sawtooth ramp to modulate the duty cycle based on the internal
programmable oscillator or the input synchronization signal. The input voltage feedforward is implemented
for improved line transient response
•
The voltage mode error amplifier
•
The PWM comparators and the relative analog and digital circuitry necessary to drive the internal MOSFET
drivers
•
The soft-start circuitry to limit inrush current during the start-up phase and the reference clamper
•
The adjustable senseless or precise valley current limit sensing block and hiccup circuitry to handle overload
and short-circuit conditions
•
The thermal shutdown circuitry to prevent thermal runaway
•
The output voltage monitor circuitry which releases the PGOOD signal if the sensed output voltage is above
87% of the target value.
6.1
Precision enable
The EN/UVLO pin multiplexes the inherent functions as described below:
•
VEN / UVLO < 0.4 typ.: the device is in shutdown mode
•
0.4 V typ. < VEN / UVLO < 1.2 V typ.: device in standby having the VCC regulator active but the device
operation inhibited and SS / TRK pin in low impedance
•
VEN / UVLO > 1.2 V typ.: SS / TRK pin released and the device starts operating. An internal 10 µA current
flows to the external resistor divider to design the enable to UVLO hysteresis.
The central tap of a resistor divider connected to the EN/UVLO pin from VIN designs the enable and undervoltage
lockout thresholds referred to the input voltage as shown in the figure below.
Figure 4. EN / UVLO resistor divider
Rdwn
Rup
+
-
1.2 V
Vin
Enable
Vcc
10 uA
The value of the resistors composing the divider can be calculated as follows:
L3751
Functional description
DS13841 - Rev 1
page 11/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com