Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3751 Datasheet(PDF) 35 Page - STMicroelectronics

Part # L3751
Description  Wide 6 V to 75 V input voltage synchronous buck controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3751 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L3751 Datasheet HTML 31Page - STMicroelectronics L3751 Datasheet HTML 32Page - STMicroelectronics L3751 Datasheet HTML 33Page - STMicroelectronics L3751 Datasheet HTML 34Page - STMicroelectronics L3751 Datasheet HTML 35Page - STMicroelectronics L3751 Datasheet HTML 36Page - STMicroelectronics L3751 Datasheet HTML 37Page - STMicroelectronics L3751 Datasheet HTML 38Page - STMicroelectronics L3751 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
9.2
QFN20 (3.5 x 4.5 mm) packing information
Figure 34. QFN20 (3.5 x 4.5 mm) tape drawing
P2
Po
E1
Ao
P1
Do
1.50
0.10
0.00
D1
1.50
0.20
0.00
Y
Y
T
Ko
SECTION Y-Y
Ao
Bo
Ko
F
P1
W
ALL DIMENSIONS IN MILLIMETRES UNLESS OTHERWISE STATED.
Other material available.
(IV)
(III)
(II)
(I)
hole to centreline of pocket.
Measured from centreline of sprocket
holes is
0.20 .
Cumulative tolerance of 10 sprocket
to centreline of pocket.
Measured from centreline of sprocket hole
(V)
1.0X10
4
1.0X10
10
.
Figure 35. QFN20 (3.5 x 4.5 mm) tape oriented
L3751
QFN20 (3.5 x 4.5 mm) packing information
DS13841 - Rev 1
page 35/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com