Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3751 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L3751
Description  Wide 6 V to 75 V input voltage synchronous buck controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3751 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L3751 Datasheet HTML 29Page - STMicroelectronics L3751 Datasheet HTML 30Page - STMicroelectronics L3751 Datasheet HTML 31Page - STMicroelectronics L3751 Datasheet HTML 32Page - STMicroelectronics L3751 Datasheet HTML 33Page - STMicroelectronics L3751 Datasheet HTML 34Page - STMicroelectronics L3751 Datasheet HTML 35Page - STMicroelectronics L3751 Datasheet HTML 36Page - STMicroelectronics L3751 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
Table 9. QFN20 (3.5 x 4.5 mm) mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0.00
0.02
0.05
A3
0.203 Ref.
b
0.20
0.25
0.30
D
3.50 BSC
E
4.50 BSC
e1
0.50 BSC
e2
1.50 BSC
D2
1.60
1.70
1.80
E2
2.60
2.70
2.80
K
0.20
-
-
L
0.30
0.40
0.50
N
20
ND
2
NE
8
aaa
0.05
bbb
0.10
ccc
0.10
ddd
0.05
eee
0.08
L3751
QFN20 (3.5 x 4.5 mm) package information
DS13841 - Rev 1
page 33/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com