Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3751 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L3751
Description  Wide 6 V to 75 V input voltage synchronous buck controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3751 Datasheet(HTML) 3 Page - STMicroelectronics

  L3751 Datasheet HTML 1Page - STMicroelectronics L3751 Datasheet HTML 2Page - STMicroelectronics L3751 Datasheet HTML 3Page - STMicroelectronics L3751 Datasheet HTML 4Page - STMicroelectronics L3751 Datasheet HTML 5Page - STMicroelectronics L3751 Datasheet HTML 6Page - STMicroelectronics L3751 Datasheet HTML 7Page - STMicroelectronics L3751 Datasheet HTML 8Page - STMicroelectronics L3751 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
2
Pin configuration
Figure 2. QFN pin connection (top view)
RT
SS/TRK
COMP
FB
AGND
SYNCOUT
SYNCIN
NC
SW
HO
BST
NC
EP
VCC
LO
PGND
EP
Table 1. Pin description
QFN Pin
Die PAD
Name
Function
1
EN/UVLO
The central tap of a resistor divider connected to this pin helps to design the
enable and undervoltage lockout thresholds referred to the input voltage.
•
VEN/UVLO < 0.4 typ.: the device is in shutdown mode
•
0.4 V typ. < VEN/UVLO < 1.2 V typ.: device in standby - VCC regulator
active - SS/TRK pin in low impedance
•
VEN/UVLO > 1.2 V typ.: SS/TRK pin released and the device ready to start
- 10 µA current flows to the external resistor divider to design the enable
hysteresis.
2
RT
A pull-down resistor to AGND programs the oscillator frequency (100 kHz – 1
MHz) and adjust the internal ramp for constant PWM gain.
3
SS/TRK
The pin circuitry features a current generator (10 μA typ.) to charge an external
capacitor and so program the soft-start time, otherwise it implements voltage
tracking if connected to an auxiliary voltage source. In soft-start phase, the
SS/TRK voltage is the error amplifier reference and then the internal reference
becomes active after the startup phase has ended. The pin is clamped 115
mV above the FB voltage for controlled recovery from an overcurrent event or
clamped to ground during stand-by operation or internal fault.
4
COMP
Output of the internal error amplifier. Connect the compensation network
between COMP and the FB.
5
FB
Inverting input of the internal error amplifier. Connect the compensation network
between COMP and the FB.
6
AGND
Analog ground
L3751
Pin configuration
DS13841 - Rev 1
page 3/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com