Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4805AWSC Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT4805AWSC
Description  Synchronous Boost Regulator with Bypass Mode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4805AWSC Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT4805AWSC Datasheet HTML 1Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 2Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 3Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 4Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 5Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
RT4805A
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4805A-02
April
2017
www.richtek.com
5
LX
GND
Q1
Q2
Q3
VOUT
VIN
Figure 2. Boost Converter With Bypass Mode
VOUT
VIN
Figure 3. RT4805A mode changed
Force Pass-Through Mode
When EN pulled high and nBYP pulled low. The device
is active in the Force pass-through mode. It supplies
current is approximately 15
A typ. From the battery,
the device is short circuit protected by a current limit of
4000mA.
VSEL
It is concerned the minimum output voltage at the
heavy load condition. There are two output voltage
levels (3.6V & 3.7V) in Boost mode and Bypass mode.
It can be selected by VSET, so it must not be floating.
PGOOD (Power Good)
Power good is a open-drain output. If it is 0, it stands for
fault occurred. The power good provide the information
to show the state of the system,
PGOOD pin show high when the sequence of
soft-start is completed.
Any fault cause PGOOD to be pulled low.
PGOOD low when PMOS current limit has triggered
for OR the die the temperature exceeds 120
C.
PGOOD is re-asserted when the device cools below
to 100
C.
OCP
The converter senses the current signal when the
high-side P-MOSFET turns on. As a result, the OCP is
cycle by-cycle current limitation. If the OCP occurs, the
converter holds off the next on pulse until inductor
current drops below the OCP limit.
OTP
The converter has an over-temperature protection.
When the junction temperature is higher than the
thermal shutdown rising threshold, the system will be
latched and the output voltage will no longer be
regulated until the junction temperature drops under the
falling threshold.
EN & nBYP
It is used to select mode. As the table 1 shown, there
are four device states.
If the EN pull low, and nBYP pull high/low, the
RT4805A is forced in shut-down mode and the
quiescent
is less than 1
A. It works in force
pass-through mode, if the EN set high and nBYP set
low. When EN and nBYP both pull high, the RT4805A
is normal operation and enter automatic mode. There
should be a delay time (> 60
S) from EN pull high to
nBYP pull high to guarantee normal automatic mode
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com