Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4805AWSC Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT4805AWSC
Description  Synchronous Boost Regulator with Bypass Mode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4805AWSC Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT4805AWSC Datasheet HTML 11Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 12Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 13Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 14Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 15Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 16Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 17Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 18Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 19Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
RT4805A
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4805A-02
April
2017
www.richtek.com
15
Register Table Lists [Slave address = 1110101 (0x75)]
Name
Address
Description
CONFIG
0x01
MODE control & Spread modulation control
VOUTFLOOR
0x02
Output Voltage Selection
VOUTROOF
0x03
Output Voltage Selection
ILIMSET
0x04
Set current limit & Soft-start current limit
STATUS
0x05
Read IC status
I
2C Interface
The RT4805A I2C slave address is 1110101 (7bits). The I2C interface supports fast mode (bit rate up to 400kb/s).
The write or read bit stream (N
 1) is shown below :
Driven by Master,
Driven by Slave (RT4805A),
Start,
Repeat Start
Stop,
S
Sr
P
Write N bytes
S
Slave Address
0
A
Register Address
A MSB
Data 1
LSB
A MSB
Data 2
LSB A
Data for Address = m + N - 1
Assume Address = m
Data for Address = m
Data for Address = m + 1
R/W
Read N bytes
R/W
Assume Address = m
Data for Address = m
Data for Address = m + N - 1
Data for Address = m+1
S
Slave Address
0
A
Register Address
Sr
A
Slave Address
1
A
A
MSB
Data 1
LSB
MSB
Data 2
LSB A
MSB
Data N
LSB A P
MSB
Data N
LSB A P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com