Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4805AWSC Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT4805AWSC
Description  Synchronous Boost Regulator with Bypass Mode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4805AWSC Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT4805AWSC Datasheet HTML 9Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 10Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 11Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 12Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 13Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 14Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 15Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 16Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
RT4805A
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4805A-02
April
2017
www.richtek.com
13
Application Information
Enable
The device can be enabled or disabled by the EN pin.
When the EN pin is higher than the threshold of
logic-high, the device starts operating with soft-start.
Once the EN pin is set at low, the device will be shut
down. In shutdown mode, the converter stops
switching, internal control circuitry is turned off, and
the load is disconnected from the input. This also
means that the output voltage can drop below the
input voltage during shutdown.
Soft-Start State
After the successful completion of the LIN state (VOUT
≥ VIN  300mV).
During Soft-Start state, VOUT is ramped up by Boost
internal loop. If VOUT fails to reach target value during
the Soft-Start period for more than 2ms, a fault
condition is declared.
Output Voltage Setting
User can select the output voltage level by VSEL and
I2C. If the VSEL pulled low, the default is 3.6V, and if
it pulled high, the default is 3.7V.
The output voltage range is from 2.85V to 4.4V.
Power Save Mode
PSM is the way to improve efficiency at light load.
When the output voltage is lower than a set threshold
voltage, the converter will operate in PSM.
It raises the output voltage with several pulses until
the loop exits PSM.
Under-Voltage Lockout
The under-voltage lockout circuit prevents the device
from operating incorrectly at low input voltages. It
prevents the converter from turning on the power
switches under undefined conditions and prevents the
battery from deep discharge. VIN voltage must be
greater than 1.7V to enable the converter. During
operation, if VIN voltage drops below 1.6V, the
converter is disabled until the supply exceeds the
UVLO rising threshold. The RT4805A automatically
restarts if the input voltage recovers to the input
voltage UVLO high level.
Thermal Shutdown
The device has a built-in temperature sensor which
monitors the internal junction temperature. If the
temperature exceeds the threshold, the device stops
operating. As soon as the IC temperature has
decreased below the threshold with a hysteresis, it
starts operating again. The built-in hysteresis is
designed
to
avoid
unstable
operation
at
IC
temperatures near the over temperature threshold.
Inductor Selection
The recommended nominal inductance value is
1.5
H.
It is recommended to use inductor with dc saturation
current
≥ 3500mA
Input Capacitor Selection
At least a 10
F input capacitor is recommended to
improve transient behavior of the regulator and EMI
behavior of the total power supply circuit for LX. And
at least a 1
F ceramic capacitor placed as close as
possible to the VIN and GND pins of the IC is
recommended.
Output Capacitor Selection
At least 22
F x 2 capacitors is recommended to
improve VOUT ripple.
Output voltage ripple is inversely proportional to
COUT.
Output capacitor is selected according to output ripple
which is calculated as :
LOAD
RIPPLE(P P)
ON
OUT
IN
ON
SW
SW
OUT
IN
LOAD
OUT
SW
OUT
RIPPLE(P P)
SW
SW
I
Vt
C
and
V
t
t
D
t
1
V
therefore :
VI
C
t
1
VV
and
1
t
f


 
 



 





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com