Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP385ECA-L/TR Datasheet(PDF) 3 Page - Exar Corporation

Part # SP385ECA-L/TR
Description  Enhanced 3V or 5V RS-232 Line Driver/Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP385ECA-L/TR Datasheet(HTML) 3 Page - Exar Corporation

  SP385ECA-L/TR Datasheet HTML 1Page - Exar Corporation SP385ECA-L/TR Datasheet HTML 2Page - Exar Corporation SP385ECA-L/TR Datasheet HTML 3Page - Exar Corporation SP385ECA-L/TR Datasheet HTML 4Page - Exar Corporation SP385ECA-L/TR Datasheet HTML 5Page - Exar Corporation SP385ECA-L/TR Datasheet HTML 6Page - Exar Corporation SP385ECA-L/TR Datasheet HTML 7Page - Exar Corporation SP385ECA-L/TR Datasheet HTML 8Page - Exar Corporation SP385ECA-L/TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP385E_100_030811
3
ELECTRICAL CHARACTERISTICS
PARAMETER
MIN.
TyP. MAX. UNITS CONDITIONS
EIA-562 OUTPUT (continued)
Power-Off Output Resistance
300
Ω
V
CC = 0V, VOUT=+2V
Output Short-Circuit Current
+10
mA
Infinite Duration
EIA-562 INPUT
Input Voltage Range
-15
15
V
Input Threshold LOW
0.8
1.2
V
V
CC = 3.3V, TA = +25°C
Input Threshold HIGH
1.7
2.4
V
V
CC = 3.3V, TA = +25°C
Input Hysteresis
0.2
0.5
1.0
V
V
CC = 3.3V, TA = +25°C
Input Resistance
3
5
7
kΩ
V
IN = 15V to -15V
DyNAMIC CHARACTERISTICS
Driver Propagation Delay
4.0
µs
TTL to RS-562
Receiver Propagation Delay
1.5
µs
RS-562 to TTL
Instantaneous Slew Rate
30
V/µs
C
L = 10pF, RL = 3kΩ - 7kΩ:
T
A = +25°C
Transition-Region Slew Rate
10
V/µs
C
L = 2500pF, RL = 3kΩ;
Measured from +2V to -2V or -2V
to +2V
Output Enable Time
300
ns
Output Disable Time
1000
ns
POWER REQUIREMENTS
Vcc Power Supply Current
3
6
mA
No load, T
A = +25°C; Vcc = 3.3V
Vcc Power Supply Current
8
mA
All transmitters R
L = 3kΩ,
T
A = +25°C
Shutdown Supply Current
0.01
5
µA
Vcc = 3.3V, T
A = +25°C
V
CC = +3.3V +10%; cap on (V+) and (V-) = 1.0µF, C1 = C2 = 0.1µF; TMIN to TMAX unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com