Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP385ECA-L/TR Datasheet(PDF) 6 Page - Exar Corporation

Part # SP385ECA-L/TR
Description  Enhanced 3V or 5V RS-232 Line Driver/Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP385ECA-L/TR Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP385ECA-L/TR Datasheet HTML 2Page - Exar Corporation SP385ECA-L/TR Datasheet HTML 3Page - Exar Corporation SP385ECA-L/TR Datasheet HTML 4Page - Exar Corporation SP385ECA-L/TR Datasheet HTML 5Page - Exar Corporation SP385ECA-L/TR Datasheet HTML 6Page - Exar Corporation SP385ECA-L/TR Datasheet HTML 7Page - Exar Corporation SP385ECA-L/TR Datasheet HTML 8Page - Exar Corporation SP385ECA-L/TR Datasheet HTML 9Page - Exar Corporation SP385ECA-L/TR Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP385E_100_030811
TyPICAL OPERATING CIRCUIT
R2
10
9
R IN
R OUT
2
R1
13
14
R IN
R OUT
1
T2
11
8
T OUT
2
T1
12
15
T OUT
1
16
400kΩ
400kΩ
4
2
C
+
7
17
V
V+
+
+
0.1µF
6.3V
+5V INPUT
3
2
1
5kΩ
16V
5kΩ
6
5
C
+
+
0.1µF
16V
+5V to +10V
Voltage Doubler
10µF
SP385E
+
18
ON/OFF
+
16V
SOIC Package
+10V to -10V
Voltage Inverter
V-
T IN
2
T IN
1
GND
1.0µF
1.0µF
R2
12
9
R IN
R OUT
2
R1
15
16
R IN
R OUT
1
T2
13
8
T OUT
2
T1
14
17
T OUT
1
18
400kΩ
400kΩ
4
2
C
+
7
19
V
V+
+
+
0.1µF
6.3V
+5V INPUT
3
2
1
5kΩ
16V
5kΩ
6
5
C
+
+
0.1µF
16V
+5V to +10V
Voltage Doubler
10µF
SP385E
+
20
ON/OFF
+
16V
SSOP Package
+10V to -10V
Voltage Inverter
V-
T IN
2
T IN
1
GND
1.0µF
1.0µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com