Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP385ECA-L/TR Datasheet(PDF) 5 Page - Exar Corporation

Part # SP385ECA-L/TR
Description  Enhanced 3V or 5V RS-232 Line Driver/Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP385ECA-L/TR Datasheet(HTML) 5 Page - Exar Corporation

  SP385ECA-L/TR Datasheet HTML 1Page - Exar Corporation SP385ECA-L/TR Datasheet HTML 2Page - Exar Corporation SP385ECA-L/TR Datasheet HTML 3Page - Exar Corporation SP385ECA-L/TR Datasheet HTML 4Page - Exar Corporation SP385ECA-L/TR Datasheet HTML 5Page - Exar Corporation SP385ECA-L/TR Datasheet HTML 6Page - Exar Corporation SP385ECA-L/TR Datasheet HTML 7Page - Exar Corporation SP385ECA-L/TR Datasheet HTML 8Page - Exar Corporation SP385ECA-L/TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP385E_100_030811
5
TyPICAL PERFORMANCE CHARACTERISTICS
0
2
4
6
8
10
12
14
Load Current (mA)
-3
-4
-5
-6
-7
-8
-9
-10
-11
VCC = 5V
VCC = 4V
0
5
10
15
20
Load Current (mA)
0
6
8
10
12
2
4
25
30
35
40
VCC = 4V
VCC = 5V
-55
-40
0
25
70
85
125
Temperature ( C)
0
5
10
15
20
25
30
VCC = 5V
VCC = 4V
VCC = 3V
4.5
4.75
5.0
5.25
5.5
VCC (Volts)
6.8
7.4
7.6
7.8
8.0
8.2
8.4
7.0
7.2
Load current = 0mA
TA = 25 C
PINOUT
ON/OFF
V
GND
T OUT
R IN
R OUT
T IN
T IN
R OUT
N/C
C +
V+
C -
C +
C -
V-
T OUT
R IN
2
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
1
1
CC
2
2
2
1
2
2
1
1
1
ON/OFF
V
GND
T OUT
R IN
R OUT
T IN
T IN
R OUT
N/C
N/C
C +
V+
C -
C +
C -
V-
T OUT
R IN
N/C
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1
1
CC
2
2
2
1
2
2
1
1
1
2
18-pin WSOIC
20-pin SSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com