Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5010SD Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5010SD
Description  High Voltage 1A Step Down Switching Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5010SD Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM5010SD Datasheet HTML 1Page - National Semiconductor (TI) LM5010SD Datasheet HTML 2Page - National Semiconductor (TI) LM5010SD Datasheet HTML 3Page - National Semiconductor (TI) LM5010SD Datasheet HTML 4Page - National Semiconductor (TI) LM5010SD Datasheet HTML 5Page - National Semiconductor (TI) LM5010SD Datasheet HTML 6Page - National Semiconductor (TI) LM5010SD Datasheet HTML 7Page - National Semiconductor (TI) LM5010SD Datasheet HTML 8Page - National Semiconductor (TI) LM5010SD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Pin Description
PIN NUMBER
NAME
DESCRIPTION
APPLICATION INFORMATION
LLP-10
TSSOP-14
1
2
SW
Switching Node
Internally connected to the buck switch source.
Connect to the inductor, free-wheeling diode, and
bootstrap capacitor.
2
3
BST
Boost pin for bootstrap capacitor
Connect a 0.022 µF capacitor from SW to this pin.
The capacitor is charged from V
CC via an internal
diode during each off-time.
34
I
SEN
Current sense
The re-circulating current flows through the internal
sense resistor, and out of this pin to the
free-wheeling diode. Current limit is nominally set at
1.25A.
45
S
GND
Sense Ground
Re-circulating current flows into this pin to the
current sense resistor.
5
6
RTN
Circuit Ground
Ground for all internal circuitry other than the current
limit detection.
6
9
FB
Feedback input from the
regulated output
Internally connected to the regulation and
over-voltage comparators. The regulation level is
2.5V.
7
10
SS
Softstart
An internal 11.5 µA current source charges an
external capacitor to 2.5V, providing the softstart
function.
811
R
ON/SD
On-time control and shutdown
An external resistor from V
IN to this pin sets the
buck switch on-time. Grounding this pin shuts down
the regulator.
912
V
CC
Output from the startup regulator
Nominally regulates at 7.0V. An external voltage
(7.5V-14V) can be applied to this pin to reduce
internal dissipation. An internal diode connects V
CC
to V
IN.
10
13
V
IN
Input supply voltage
Nominal input range is 8.0V to 75V.
1,7,8,14
NC
No connection.
No internal connection.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com