Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5010SD Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5010SD
Description  High Voltage 1A Step Down Switching Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5010SD Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM5010SD Datasheet HTML 8Page - National Semiconductor (TI) LM5010SD Datasheet HTML 9Page - National Semiconductor (TI) LM5010SD Datasheet HTML 10Page - National Semiconductor (TI) LM5010SD Datasheet HTML 11Page - National Semiconductor (TI) LM5010SD Datasheet HTML 12Page - National Semiconductor (TI) LM5010SD Datasheet HTML 13Page - National Semiconductor (TI) LM5010SD Datasheet HTML 14Page - National Semiconductor (TI) LM5010SD Datasheet HTML 15Page - National Semiconductor (TI) LM5010SD Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Current Limit
Current limit detection occurs during the off-time by monitor-
ing the recirculating current through the free-wheeling diode
(D1). The detection threshold is 1.25A, ±0.25A. Referring to
Figure 1, when the buck switch is off the inductor current
flows through the load, into S
GND, through the sense resistor,
out of I
SEN and through D1. If that current exceeds the
threshold the current limit comparator output switches to
delay the start of the next on-time period. The next on-time
starts when the current out of I
SEN is below the threshold and
the voltage at FB is below 2.5V. If the overload condition
persists causing the inductor current to exceed the threshold
during each on-time, that is detected at the beginning of
each off-time. The operating frequency is lower due to
longer-than-normal off-times.
Figure 12 illustrates the inductor current waveform. During
normal operation the load current is I
O, the average of the
ripple waveform. When the load resistance decreases the
current ratchets up until the lower peak attempts to exceed
the threshold. During the Current Limited portion of Figure
12, the current ramps down to the threshold during each
off-time, initiating the next on-time (assuming the voltage at
FB is < 2.5V). During each on-time the current ramps up an
amount equal to:
(6)
During this time the LM5010 is in a constant current mode,
with an average load current (I
OCL) equal to the threshold +
∆I/2.
The “valley current limit” technique allows the load current to
exceed the current limit threshold as long as the lower peak
of the inductor current is less than the threshold.
The current limit threshold can be increased by connecting
an external resistor (R
CL) between SGND and ISEN. The
external resistor typically is less than 1
Ω, and its calculation
is explained in the Applications Information section.
The peak current out of SW and I
SEN must not exceed 3.5A.
The average current out of SW must be less than 3A, and
the average current out of I
SEN must be less than 2A.
N - Channel Buck Switch and
Driver
The LM5010 integrates an N-Channel buck switch and as-
sociated floating high voltage gate driver. The peak current
through the buck switch must not be allowed to exceed 3.5A,
and the average current must be less than 3A. The gate
driver circuit is powered by the external bootstrap capacitor
between BST and SW (C4). During each off-time, the SW pin
is at approximately -1V, and C4 is re-charged from V
CC
through the internal high voltage diode. The minimum off-
time of 265 ns ensures a minimum time each cycle to
recharge the bootstrap capacitor. A 0.022 µF ceramic ca-
pacitor is recommended for C4.
Softstart
The softstart feature allows the converter to gradually reach
a steady state operating point, thereby reducing startup
stresses and current surges. Upon turn-on, after V
CC
reaches the under-voltage threshold (t1 in Figure 8), an
internal 11.5 µA current source charges the external capaci-
tor at the Softstart pin to 2.5V (t2 in Figure 8). The ramping
voltage at SS (and at the non-inverting input of the regulation
comparator) ramps up the output voltage in a controlled
manner. This feature keeps the load current from going to
current limit during startup, thereby reducing inrush currents.
An internal switch grounds the Softstart pin if V
CC is below
the under-voltage lockout threshold, if a thermal shutdown
occurs, or if the circuit is shutdown using the R
ON/SD pin.
Thermal Shutdown
The LM5010 should be operated so the junction temperature
does not exceed 125˚C. If the junction temperature in-
creases above that, an internal Thermal Shutdown circuit
activates (typically) at 175˚C, taking the controller to a low
power reset state by disabling the buck switch and the
on-timer, and grounding the Softstart pin. This feature helps
prevent catastrophic failures from accidental device over-
20119920
FIGURE 12. Inductor Current - Current Limit Operation
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com