Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5010SD Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5010SD
Description  High Voltage 1A Step Down Switching Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5010SD Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM5010SD Datasheet HTML 6Page - National Semiconductor (TI) LM5010SD Datasheet HTML 7Page - National Semiconductor (TI) LM5010SD Datasheet HTML 8Page - National Semiconductor (TI) LM5010SD Datasheet HTML 9Page - National Semiconductor (TI) LM5010SD Datasheet HTML 10Page - National Semiconductor (TI) LM5010SD Datasheet HTML 11Page - National Semiconductor (TI) LM5010SD Datasheet HTML 12Page - National Semiconductor (TI) LM5010SD Datasheet HTML 13Page - National Semiconductor (TI) LM5010SD Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Hysteretic Control Circuit
Overview (Continued)
Typically when the load current increases suddenly, the off-
times are temporarily at the minimum of 265 ns. Once regu-
lation is established, the off-time resumes its normal value.
The output voltage is set by two external resistors (R1, R2).
The regulated output voltage is calculated as follows:
V
OUT = 2.5V x (R1 + R2) / R2
(1)
Output voltage regulation is based on ripple voltage at the
feedback input, requiring a minimum amount of ESR for the
output capacitor C2. The LM5010 requires a minimum of 25
mV of ripple voltage at the FB pin. In cases where the
capacitor’s ESR is insufficient additional series resistance
may be required (R3 in Figure 1 ).
When in regulation, the LM5010 operates in continuous
conduction mode at heavy load currents and discontinuous
conduction mode at light load currents. In continuous con-
duction mode current always flows through the inductor,
never reaching zero during the off-time. In this mode the
operating frequency remains relatively constant with load
and line variations. The minimum load current for continuous
conduction mode is one-half the inductor’s ripple current
amplitude. The approximate operating frequency is calcu-
lated as follows:
(2)
The buck switch duty cycle is approximately equal to:
(3)
At low load current, the circuit operates in discontinuous
conduction mode, during which the inductor current ramps
up from zero to a peak during the on-time, then ramps back
to zero before the end of the off-time. The next on-time
period starts when the voltage at FB falls below the refer-
ence - until then the inductor current remains zero, and the
load current is supplied by the output capacitor (C2). In this
mode the operating frequency is lower than in continuous
conduction mode, and varies with load current. Conversion
efficiency is maintained at light loads since the switching
losses reduce with the reduction in load and frequency. The
approximate discontinuous operating frequency can be cal-
culated as follows:
(4)
where R
L = the load resistance.
For applications where lower output voltage ripple is re-
quired the output can be taken directly from a low ESR
output capacitor as shown in Figure 9. However, R3 slightly
degrades the load regulation.
Start-up Regulator (V
CC)
The startup regulator is integral to the LM5010. The input pin
(V
IN) can be connected directly to line voltages up to 75V.
The V
CC output is regulated at 7.0V, ±6%, and is current
limited to 10 mA. Upon power up the regulator sources
current into the external capacitor at V
CC (C3). With a 0.1 µF
capacitor at V
CC, approximately 58 µs are required for the
V
CC voltage to reach the under-voltage lockout threshold
(UVLO) of 5.8V (t1 in Figure 8), at which time the buck switch
is enabled, and the softstart pin is released to allow the
softstart capacitor (C6) to charge up. V
OUT then increases to
its regulated value as the softstart voltage increases (t2 in
Figure 8).
The minimum input operating voltage is determined by the
regulator’s dropout voltage, the V
CC UVLO falling threshold
()5.65V), and the frequency. When V
CC falls below the
falling threshold the V
CC UVLO activates to shut off the buck
switch and ground the softstart pin. If V
CC is externally
loaded, the minimum input voltage increases since the out-
put impedance at V
CC is
)140
Ω at low V
IN. See Figures 2
and 3. In applications involving a high value for V
IN where
power dissipation in the startup regulator is a concern, an
auxiliary voltage can be diode connected to the V
CC pin
(Figure 10). Setting the auxiliary voltage to between 7.5V
and 14V shuts off the internal regulator, reducing internal
power dissipation. The current required into the V
CC pin is
shown in Figure 4. Internally a diode connects V
CC to VIN.
20119915
FIGURE 9. Low Ripple Output Configuration
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com