Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV7291 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV7291
Description  Single 1.8V Low Power Comparator with Rail-to-Rail Input
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV7291 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMV7291 Datasheet HTML 1Page - National Semiconductor (TI) LMV7291 Datasheet HTML 2Page - National Semiconductor (TI) LMV7291 Datasheet HTML 3Page - National Semiconductor (TI) LMV7291 Datasheet HTML 4Page - National Semiconductor (TI) LMV7291 Datasheet HTML 5Page - National Semiconductor (TI) LMV7291 Datasheet HTML 6Page - National Semiconductor (TI) LMV7291 Datasheet HTML 7Page - National Semiconductor (TI) LMV7291 Datasheet HTML 8Page - National Semiconductor (TI) LMV7291 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
5V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5V, V− = 0V. Boldface limits apply at the temperature ex-
tremes.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
V
OH
Output Voltage High
I
O = 0.5mA
4.93
4.96
V
I
O = 4.0mA
4.70
4.77
V
OL
Output Voltage Low
I
O = −0.5mA
27
70
mV
I
O = −4.0mA
225
300
V
CM
Input Common Voltage Range
CMRR > 45dB
5.1
V
−0.1
CMRR
Common Mode Rejection Ratio
0 < V
CM < 5.0V
47
78
dB
PSRR
Power Supply Rejection Ratio
V
+ = 1.8V to 5V
55
80
dB
I
LEAKAGE
Output Leakage Current
V
O =5V
2
pA
5.0V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5.0V, V− = 0V, V
CM = 0.5V, VO =V
+/2 and R
L > 1M
Ω to
V
−. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
t
PHL
Propagation Delay
(High to Low)
Input Overdrive = 20mV
Load = 50pF//5k
Ω
2100
ns
Input Overdrive = 50mV
Load = 50pF//5k
Ω
1380
ns
t
PLH
Propagation Delay
(Low to High)
Input Overdrive = 20mV
Load = 50pF//5k
Ω
1800
ns
Input Overdrive = 50mV
Load = 50pF//5k
Ω
1100
ns
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5k
Ω in series with 100pF.
Note 3: The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(MAX) -TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 4: Typical values represent the most likely parametric norm.
Note 5: All limits are guaranteed by testing or statistical analysis.
Note 6: Machine Model, 0
Ω in series with 200pF.
Note 7: Offset Voltage average drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
Note 8: Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very limited self-heating of
the device such that TJ =TA. No guarantee of parametric performance is indicated in the electrical tables under conditions of internal self heating where TJ > TA.
Absolute Maximum Ratings indicate junction temperature limits beyond which the device may be permanently degraded, either mechanically or electrically.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com