Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV7291 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV7291
Description  Single 1.8V Low Power Comparator with Rail-to-Rail Input
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV7291 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV7291 Datasheet HTML 1Page - National Semiconductor (TI) LMV7291 Datasheet HTML 2Page - National Semiconductor (TI) LMV7291 Datasheet HTML 3Page - National Semiconductor (TI) LMV7291 Datasheet HTML 4Page - National Semiconductor (TI) LMV7291 Datasheet HTML 5Page - National Semiconductor (TI) LMV7291 Datasheet HTML 6Page - National Semiconductor (TI) LMV7291 Datasheet HTML 7Page - National Semiconductor (TI) LMV7291 Datasheet HTML 8Page - National Semiconductor (TI) LMV7291 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LMV7291
Single 1.8V Low Power Comparator with Rail-to-Rail
Input
General Description
The LMV7291 is a rail-to-rail input low power comparator,
characterized at supply voltage 1.8V, 2.7V and 5.0V. It con-
sumes only 9uA supply current per channel while achieving
a 800ns propagation delay.
The LMV7291 is available in SC70 package. With this tiny
package, the PC board area can be significantly reduced. It
is ideal for low voltage, low power and space critical designs.
The LMV7291 features a push-pull output stage which al-
lows operation with minimum power consumption when driv-
ing a load.
The LMV7291 is built with National Semiconductor’s ad-
vance submicron silicon-gate BiCMOS process. It has bipo-
lar inputs for improved noise performance and CMOS out-
puts for rail-to-rail output swing.
Features
(V
S = 1.8V, TA = 25˚C, Typical values unless specified).
n
Single Supply
n
Ultra low supply current
9µA per channel
n
Low input bias current
10nA
n
Low input offset current
200pA
n
Low guaranteed V
OS
4mV
n
Propagation delay
880ns (20mV overdrive)
n
Input common mode voltage range
0.1V beyond rails
Applications
n
Mobile communications
n
Laptops and PDA’s
n
Battery powered electronics
n
General purpose low voltage applications
Typical Circuit
20080024
FIGURE 1. Threshold Detector
March 2004
© 2004 National Semiconductor Corporation
DS200800
www.national.com


Similar Part No. - LMV7291

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV7291 TI1-LMV7291 Datasheet
1Mb / 23P
Single 1.8V Low Power Comparator with Rail-to-Rail Input
LMV7291 TI2-LMV7291 Datasheet
811Kb / 23P
LMV7291 Single 1.8V Low Power Comparator with Rail-to-Rail Input
REVISED MARCH 2013
LMV7291MG TI1-LMV7291MG Datasheet
1Mb / 23P
Single 1.8V Low Power Comparator with Rail-to-Rail Input
LMV7291MG TI2-LMV7291MG Datasheet
811Kb / 23P
LMV7291 Single 1.8V Low Power Comparator with Rail-to-Rail Input
REVISED MARCH 2013
LMV7291MG/NOPB TI1-LMV7291MG/NOPB Datasheet
1Mb / 23P
Single 1.8V Low Power Comparator with Rail-to-Rail Input
More results

Similar Description - LMV7291

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7251 NSC-LMV7251 Datasheet
221Kb / 11P
1.8V Low Voltage Comparator with Rail-to-Rail Input
LMV7271 NSC-LMV7271 Datasheet
494Kb / 16P
Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
logo
STMicroelectronics
TS1851 STMICROELECTRONICS-TS1851_07 Datasheet
342Kb / 25P
1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
22-May-2007
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
Rail-to-rail 1.8V high-speed comparator
22-Feb-2007
TS3021_0710 STMICROELECTRONICS-TS3021_0710 Datasheet
901Kb / 16P
Rail-to-rail 1.8V high-speed comparator
17-Oct-2007
logo
National Semiconductor ...
LMV7271 NSC-LMV7271_08 Datasheet
939Kb / 18P
Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
logo
Texas Instruments
LMV7272TL-NOPB TI1-LMV7272TL-NOPB Datasheet
1Mb / 29P
Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
LMV7291 TI1-LMV7291 Datasheet
1Mb / 23P
Single 1.8V Low Power Comparator with Rail-to-Rail Input
LMV7275-Q1 TI-LMV7275-Q1_15 Datasheet
1Mb / 31P
LMV7275-Q1 Automotive Single 1.8-V Low Power Comparator With Rail-to-Rail Input
LMV7275-Q1 TI1-LMV7275-Q1 Datasheet
1Mb / 31P
Automotive Single 1.8-V Low Power Comparator With Rail-to-Rail Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com