Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV7291 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV7291
Description  Single 1.8V Low Power Comparator with Rail-to-Rail Input
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV7291 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMV7291 Datasheet HTML 6Page - National Semiconductor (TI) LMV7291 Datasheet HTML 7Page - National Semiconductor (TI) LMV7291 Datasheet HTML 8Page - National Semiconductor (TI) LMV7291 Datasheet HTML 9Page - National Semiconductor (TI) LMV7291 Datasheet HTML 10Page - National Semiconductor (TI) LMV7291 Datasheet HTML 11Page - National Semiconductor (TI) LMV7291 Datasheet HTML 12Page - National Semiconductor (TI) LMV7291 Datasheet HTML 13Page - National Semiconductor (TI) LMV7291 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Typical Applications (Continued)
SQUARE WAVE GENERATOR
A typical application for a comparator is as a square wave
oscillator. The circuit below generates a square wave whose
period is set by the RC time constant of the capacitor C
1and
resistor R
4. The maximum frequency is limited by the large
signal propagation delay of the comparator, and by the ca-
pacitive loading at the output, which limits the output slew
rate.
To analyze the circuit, consider it when the output is high.
That implies that the inverted input (V
C) is lower than the
non-inverting input (V
A). This causes the C1 to get charged
through R
4, and the voltage VC increases till it is equal to the
non-inverting input. The value of V
A at this point is
If R
1 =R2 =R3 then VA1 =2VCC/3
At this point the comparator switches pulling down the output
to the negative rail. The value of V
A at this point is
If R
1 =R2 =R3 then VA2 =VCC/3
The capacitor C
1 now discharges through R4, and the volt-
age V
C decreases till it is equal to VA2, at which point the
comparator switches again, bringing it back to the initial
stage. The time period is equal to twice the time it takes to
discharge C
1
from 2V
CC/3
to V
CC/3,
which is given by
R
4C1.ln2. Hence the formula for the frequency is:
F = 1/(2.R
4.C1.ln2)
20080055
FIGURE 6. Negative Peak Detector
20080056
20080057
FIGURE 7. Squarewave Oscillator
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com