Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2980-ADJ Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2980-ADJ
Description  Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2980-ADJ Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP2980-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LP2980-ADJ Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LP2980-ADJ
Micropower SOT, 50 mA Ultra Low-Dropout Adjustable
Voltage Regulator
General Description
The LP2980-ADJ is a 50 mA adjustable voltage regulator de-
signed to provide ultra low dropout in battery powered appli-
cations.
Using an optimized VIP™ (vertically Integrated PNP) pro-
cess, the LP2980-ADJ delivers unequalled performance in
all specifications critical to battery-powered designs:
Adjustable Output: output voltage can be set from 1.23V to
15V.
Precision Reference: 0.75% tolerance.
Dropout Voltage: typically 120 mV @ 50 mA load, and 7 mV
@ 1 mA load.
Ground Pin Current: typically 320 µA @ 50 mA load, and 80
µA @ 1 mA load.
Sleep Mode: less than 1 µA quiescent current when on/off
pin is pulled low.
Smallest Possible Size: SOT-23 package uses minimum
board space.
Features
n
Ultra low dropout voltage
n
Output adjusts from 1.23V to 15V
n
Guaranteed 50 mA output current
n
Uses tiny SOT-23 package
n
Requires few external components
n <
1 µA quiescent current when shutdown
n
Low ground pin current at all loads
n
High peak current capability (150 mA typical)
n
Wide supply voltage range (2.5V–16V)
n
Overtemperature/overcurrent protection
n
−40˚C to +125˚C Junction temperature range
Applications
n
Cellular Phone
n
Palmtop/Laptop Computer
n
Camcorder, Personal Stereo, Camera
Block Diagram
Connection Diagram
VIP™ is a trademark of National Semiconductor Corporation.
DS100001-1
5-Lead Small Outline Package (M5)
DS100001-2
Top View
See NS Package Number MA05B
For ordering Information, refer to
Table 1 in this
document
April 2000
© 2000 National Semiconductor Corporation
DS100001
www.national.com


Similar Part No. - LP2980-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2980-ADJ TI1-LP2980-ADJ Datasheet
2Mb / 37P
LP2980-ADJ 16-V, 50-mA, Low-Power, Adjustable Low-Dropout Regulator
REVISED JULY 2023
logo
National Semiconductor ...
LP2980-ADJEP NSC-LP2980-ADJEP Datasheet
280Kb / 10P
Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
logo
Texas Instruments
LP2980-ADJ TI-LP2980-ADJ_15 Datasheet
928Kb / 18P
LP2980-ADJ Micropower 50 mA Ultra Low-Dropout Adjustable Voltage Regulator in SOT-23
LP2980-ADJ TI1-LP2980-ADJ_V01 Datasheet
2Mb / 37P
LP2980-ADJ 16-V, 50-mA, Low-Power, Adjustable Low-Dropout Regulator
REVISED JULY 2023
More results

Similar Description - LP2980-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2980 NSC-LP2980 Datasheet
423Kb / 18P
Micropower 50 mA Ultra Low-Dropout Regulator
LP2982 NSC-LP2982 Datasheet
411Kb / 17P
Micropower 50 mA Ultra Low-Dropout Regulator
LP2986 NSC-LP2986 Datasheet
412Kb / 14P
Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
LP2978 NSC-LP2978 Datasheet
102Kb / 7P
Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator
LP2980-ADJEP NSC-LP2980-ADJEP Datasheet
280Kb / 10P
Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
logo
Texas Instruments
LP2980 TI1-LP2980 Datasheet
433Kb / 18P
Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980-N TI1-LP2980-N Datasheet
1Mb / 24P
Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980IM5-ADJ TI1-LP2980IM5-ADJ Datasheet
945Kb / 18P
LP2980-ADJ Micropower 50 mA Ultra Low-Dropout Adjustable Voltage Regulator in SOT-23
LP2980-ADJ TI-LP2980-ADJ_15 Datasheet
928Kb / 18P
LP2980-ADJ Micropower 50 mA Ultra Low-Dropout Adjustable Voltage Regulator in SOT-23
LP2980-N TI1-LP2980-N_16 Datasheet
1Mb / 30P
Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com