Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3997 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3997
Description  Micropower 250mA CMOS LDO Regulator with Error Flag / Power-On-Reset
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3997 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP3997 Datasheet HTML 1Page - National Semiconductor (TI) LP3997 Datasheet HTML 2Page - National Semiconductor (TI) LP3997 Datasheet HTML 3Page - National Semiconductor (TI) LP3997 Datasheet HTML 4Page - National Semiconductor (TI) LP3997 Datasheet HTML 5Page - National Semiconductor (TI) LP3997 Datasheet HTML 6Page - National Semiconductor (TI) LP3997 Datasheet HTML 7Page - National Semiconductor (TI) LP3997 Datasheet HTML 8Page - National Semiconductor (TI) LP3997 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Absolute Maximum Ratings
(Notes 2, 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Input Voltage
-0.3 to 6.5V
Output Voltage
-0.3 to (V
IN + 0.3V) to
6.5V (max)
SD Input Voltage
-0.3 to (V
IN + 0.3V) to
6.5V (max)
Junction Temperature
150˚C
Lead/Pad Temp.
MSOP
260˚C
Storage Temperature
-65 to 150˚C
Continuous Power Dissipation
Internally Limited (Note 3)
ESD (Note 4)
Human Body Model
2KV
Machine Model
200V
Operating Ratings
(Note 1)
Input Voltage
2V to 6V
Shutdown Input Voltage
0 to (V
IN + 0.3V) to
6.5V (max)
Junction Temperature
-40˚C to 125˚C
Ambient Temperature T
A Range
(Note 5)
-40˚C to 85˚C
Thermal Properties
(Note 1)
Junction To Ambient Thermal
Resistance (Note 6)
θ
JA (MSOP)
210˚C/W
Electrical Characteristics
Unless otherwise noted, V
SD =950mV, VIN =VOUT + 1.0V, CIN = 2.2 µF, IOUT = 1 mA, COUT =2.2 µF and CNOISE = 0.1 µF.
Typical values and limits appearing in normal type apply for T
J = 27˚C. Limits appearing in boldface type apply over the full
temperature range for operation, −40 to +125˚C. (Note 11)
Symbol
Parameter
Conditions
Typ
Limit
Units
Min
Max
V
IN
Input Voltage
26
V
∆V
OUT
Output Voltage Tolerance
Over full line and load regulation.
-3
+3
%
Line Regulation Error
V
IN =(VOUT(NOM) + 1.0V) to 6.0V,
I
OUT = 1mA
0.05
%/V
Load Regulation Error
I
OUT = 1mA to 250mA
20
µV/mA
I
LOAD
Load Current
(Notes 7, 8)
0
µA
I
Q
Quiescent Current
V
SD = 950mV, IOUT = 0mA
45
µA
V
SD = 950mV, IOUT = 250mA
65
V
SD = 0.4V
0.002
I
SC
Short Circuit Current Limit
(Note 9)
650
1000
mA
I
OUT
Maximum Output Current
250
mA
PSRR
Power Supply Rejection Ratio
f = 1kHz, I
OUT = 1mA to 150mA
64
dB
f = 10kHz, I
OUT = 150mA
39
e
N
Output noise Voltage (Note 8)
BW = 10Hz to
100kHz,
V
IN = VOUTnom
+1V
w/o C
NOISE
180
µV
RMS
C
NOISE = 0.1µF
100
T
SHUTDOWN
Thermal Shutdown
Temperature
160
˚C
Hysteresis
20
Enable Control Characteristics
I
SD
Maximum Input Current at
V
SD Input
V
SD = 0.0V
0.001
0.1
µA
V
SD = 6V (Note 10)
1
2
V
IL
Low Input Threshold
V
IN =2Vto6V
0.4
V
V
IH
High Input Threshold
V
IN =2Vto6V
0.95
V
Error Flag Characteristics
V
TH
Power Good Trip Threshold
V
IN Rising
95
95
97
%V
OUT
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com