Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3997 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3997
Description  Micropower 250mA CMOS LDO Regulator with Error Flag / Power-On-Reset
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3997 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3997 Datasheet HTML 1Page - National Semiconductor (TI) LP3997 Datasheet HTML 2Page - National Semiconductor (TI) LP3997 Datasheet HTML 3Page - National Semiconductor (TI) LP3997 Datasheet HTML 4Page - National Semiconductor (TI) LP3997 Datasheet HTML 5Page - National Semiconductor (TI) LP3997 Datasheet HTML 6Page - National Semiconductor (TI) LP3997 Datasheet HTML 7Page - National Semiconductor (TI) LP3997 Datasheet HTML 8Page - National Semiconductor (TI) LP3997 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LP3997
Micropower 250mA CMOS LDO Regulator with Error
Flag / Power-On-Reset
General Description
The LP3997 regulator is designed to meet the requirements
of portable, battery-powered systems, providing accurate
output voltage, low noise, and low quiescent current. The
LP3997 provides 3.3V output at up to 250mA load current.
When switched in shutdown mode, the power consumption
is virtually zero.
The LP3997 is designed to be stable with space saving
ceramic capacitors as small as 1µF.
The LP3997 also includes an out-of-regulation error flag.
When the output is more than 5% below its nominal voltage,
the error flag sets to low. If a capacitor is connected to
device’s delay pin, a delayed power-on reset signal will be
generated.
Features
n
Low, 140mV, Dropout at 250mA Load.
n
Stable with Ceramic Capactor.
n
Low Noise, with Bypass Capacitor.
n
Less than 70µA Typical I
Q at 250mA.
n
Virtually Zero I
Q (Disabled).
n
Themal and Short Circuit Protection.
n
3.3V Output.
n
For other voltage options, please contact your local NSC
sales office.
Package
8 Lead MSOP
For other package options contact your NSC sales office.
Applications
n
Portable Consumer Electronics
n
Cellular Handsets
n
Laptop and Palm Computers
n
PDA’s
n
Digital Cameras
Typical Application Circuit
20092901
PRELIMINARY
May 2004
© 2004 National Semiconductor Corporation
DS200929
www.national.com


Similar Part No. - LP3997

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3997 TI-LP3997 Datasheet
954Kb / 18P
Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
LP3997 TI2-LP3997 Datasheet
1Mb / 19P
Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
REVISED MAY 2013
LP3997MM-3.3/NOPB TI-LP3997MM-3.3/NOPB Datasheet
954Kb / 18P
Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
LP3997MM-3.3/NOPB TI2-LP3997MM-3.3/NOPB Datasheet
1Mb / 19P
Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
REVISED MAY 2013
LP3997MM-3.3/NOPB.A TI2-LP3997MM-3.3/NOPB.A Datasheet
1Mb / 19P
Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
REVISED MAY 2013
More results

Similar Description - LP3997

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5256 MICREL-MIC5256 Datasheet
115Kb / 11P
150mA UCap LDO with Error Flag
logo
Vishay Siliconix
SI9181 VISHAY-SI9181 Datasheet
125Kb / 10P
Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
19-Apr-04
SI9182 VISHAY-SI9182 Datasheet
129Kb / 10P
Micropower 250-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
28-Jun-04
logo
Micrel Semiconductor
MIC5254 MICREL-MIC5254 Datasheet
160Kb / 11P
DUAL 150MA UCAP LDO WITH ERROR FLAG OUTPUTS
logo
Vishay Siliconix
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
Micropower 300-mA CMOS LDO Regulator With Error Flag
20-Jun-05
SI91822 VISHAY-SI91822 Datasheet
119Kb / 10P
Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
15-Oct-01
SI9181 VISHAY-SI9181_05 Datasheet
167Kb / 11P
Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
16-May-05
logo
Micrel Semiconductor
MIC5256 MICREL-MIC5256_10 Datasheet
566Kb / 13P
150mA 關Cap LDO with Error Flag
logo
Texas Instruments
LP3997 TI-LP3997_15 Datasheet
954Kb / 18P
Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
logo
Vishay Siliconix
SI9185 VISHAY-SI9185_V01 Datasheet
189Kb / 13P
Micropower 500 mA CMOS LDO Regulator with Error Flag/Power-On-Reset
23-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com