Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3997 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3997
Description  Micropower 250mA CMOS LDO Regulator with Error Flag / Power-On-Reset
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3997 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP3997 Datasheet HTML 1Page - National Semiconductor (TI) LP3997 Datasheet HTML 2Page - National Semiconductor (TI) LP3997 Datasheet HTML 3Page - National Semiconductor (TI) LP3997 Datasheet HTML 4Page - National Semiconductor (TI) LP3997 Datasheet HTML 5Page - National Semiconductor (TI) LP3997 Datasheet HTML 6Page - National Semiconductor (TI) LP3997 Datasheet HTML 7Page - National Semiconductor (TI) LP3997 Datasheet HTML 8Page - National Semiconductor (TI) LP3997 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Electrical Characteristics (Continued)
Unless otherwise noted, V
SD =950mV, VIN =VOUT + 1.0V, CIN = 2.2 µF, IOUT = 1 mA, COUT =2.2 µF and CNOISE = 0.1 µF.
Typical values and limits appearing in normal type apply for T
J = 27˚C. Limits appearing in boldface type apply over the full
temperature range for operation, −40 to +125˚C. (Note 11)
Symbol
Parameter
Conditions
Typ
Limit
Units
Min
Max
V
HYST
Hysteresis
V
IN Rising or Falling
2
%V
OUT
V
OL
ErrorOutput low Voltage
I
SINK = 2mA
0.4
V
I
OFF
Error Output High Leakage
ERROR = V
OUT(NOM)
2
µA
I
DELAY
Delay Pin Current Source
V
OUT > 95% VOUT(NOM)
2.2
µA
Timing Characteristics
t
ON
Turn On Time (Note 8)
To 95% Level
w/o C
NOISE
150
250
µs
C
NOISE = 0.1µF
2
ms
Transient
Response
Line Transient Response |
δV
OUT|Trise =Tfall = 30µs (Note 8)
δV
IN = 600mV
8
TBA
mV
(pk - pk)
Load Transient Response
|
δV
OUT|
T
rise =Tfall = 1µs (Note 8)
I
OUT = 1mA to 150mA
70
80
mV
Note 1: Absolute Maximum Ratings are limits beyond which damage can occur. Operating Ratings are conditions under which operation of the device is
guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the Electrical
Characteristics tables.
Note 2: All Voltages are with respect to the potential at the GND pin.
Note 3: Internal thermal shutdown circuitry protects the device from permanent damage.
Note 4: The human body model is 100pF discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF capacitor discharged directly into each
pin.
Note 5: The maximum ambient temperature (TA(max)) is dependant on the maximum operating junction temperature (TJ(max-op) = 125˚C), the maximum power
dissipation of the device in te application (PD(max)), and the junction to ambient thermal resistance of the part/package in the application (θJA), as given by the
following equation: TA(max) =TJ(max-op) -(θJA xPD(max)).
Note 6: Junction to ambient thermal resistance is dependant on the application and board layout. In applications where high maximum power dissipation is possible,
special care must be paid to thermal dissipation issues in board design.
Note 7: The device maintains the regulated output voltage without the load.
Note 8: This electrical specification is guaranteed by design.
Note 9: Short circuit current is measured on the input supply line at the point when the short circuit condition reduces the output voltage to 5% of its nominal value.
Note 10: Enable Pin has 6M
Ω typical, resistor connected to GND.
Note 11: All limits are guaranteed. All electrical characteristics having room-temperature limits are tested during production at TJ = 25˚C or correlated using
Statistical Quality Control methods. Operation over the temperature specification is guaranteed by correlating the electrical characteristics to process and
temperature variations and applying statistical process control.
Output Capacitor, Recommended Specifications
Symbol
Parameter
Conditions
Typ
Limit
Units
Min
Max
C
o
Output Capacitor
Capacitance(Note 12)
1.0
0.7
µF
ESR
5
500
m
Ω
Note 12: The capacitor tolerance should be 30% or better over temperature. The full operating conditions for the application should be considered when selecting
a suitable capacitor to ensure that the minimum value of capacitance is always met. Recommended capacitor type is X7R. However, dependent on application, X5R,
Y5V, and Z5U can also be used. (See capacitor characteristics section in Application Hints)
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com