Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8092BAGWSC Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT8092BAGWSC
Description  High Efficiency Step-Down Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8092BAGWSC Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT8092BAGWSC Datasheet HTML 4Page - Richtek Technology Corporation RT8092BAGWSC Datasheet HTML 5Page - Richtek Technology Corporation RT8092BAGWSC Datasheet HTML 6Page - Richtek Technology Corporation RT8092BAGWSC Datasheet HTML 7Page - Richtek Technology Corporation RT8092BAGWSC Datasheet HTML 8Page - Richtek Technology Corporation RT8092BAGWSC Datasheet HTML 9Page - Richtek Technology Corporation RT8092BAGWSC Datasheet HTML 10Page - Richtek Technology Corporation RT8092BAGWSC Datasheet HTML 11Page - Richtek Technology Corporation RT8092BAGWSC Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
RT8092
8
DS8092-03
January 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Voltage Start-up
VIN
AVDD and PVIN
2.45
--
5.5
V
Input Voltage Range
VIN
IOUT = 2A
2.5
--
5.5
V
Quiescent Current
(Normal Mode)
IQ_nor
IOUT = 0mA, no switching, LPM = 0
--
60
--
A
Quiescent Current
(Low Power Mode)
IQ_lpm
IOUT = 0mA, no switching, LPM = 1
--
--
15
A
GNDR Current
IGNDR
IOUT = 0mA, no switching
--
--
10
A
Shutdown Current
ISHDN
EN = GND
--
1
5
A
Adjustable Output Range for
Internal Feedback Network
VOUT
SDA = SCL = High at AVDD power
on, 0x1D.VOUT_BANK[1:0] = 2’b10
1.2
--
2.8
V
Output Voltage Accuracy in
Normal Mode
VOUT
VIN = 2.5V to 5.5V, 0A < IOUT < 2.7A
2
--
2
%
Absolute Maximum Ratings (Note 1)
Supply Input Voltage, PVIN and AVDD ------------------------------------------------------------------------------- 6V
Switch Node DC Rating, LX --------------------------------------------------------------------------------------------- 6V
EN, VOUT, SCL, SDA Voltage -----------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
WL-CSP-15B 1.2x2 (BSC) --------------------------------------------------------------------------------------------- 1.92W
WQFN-14L 3.5x3.5 ------------------------------------------------------------------------------------------------------- 3.33W
Package Thermal Resistance (Note 2)
WL-CSP-15B 1.2x2 (BSC),
θJA ---------------------------------------------------------------------------------------- 51.9°C/W
WQFN-14L 3.5x3.5,
θJA ------------------------------------------------------------------------------------------------- 30°C/W
WQFN-14L 3.5x3.5,
θJC ------------------------------------------------------------------------------------------------- 7.5°C/W
Junction Temperature ---------------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------ 260
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) --------------------------------------------------------------------------------------------- 2kV
MM (Machine Model) ----------------------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, AVDD and PVIN ------------------------------------------------------------------------------- 2.5V to 5.5V
Junction Temperature Range -------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range -------------------------------------------------------------------------------------------
−40°C to 85°C
Input Capacitance --------------------------------------------------------------------------------------------------------- 10
μF
Output Capacitance ------------------------------------------------------------------------------------------------------- 22
μF
Inductance ------------------------------------------------------------------------------------------------------------------ 0.33
μH
(VIN = 3.6V, VOUT = 1V, L = 0.33
μH, CIN = 10μF, COUT = 22μF, TA = 25°C, unless otherwise specification)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com