Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8092BAGWSC Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT8092BAGWSC
Description  High Efficiency Step-Down Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8092BAGWSC Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT8092BAGWSC Datasheet HTML 6Page - Richtek Technology Corporation RT8092BAGWSC Datasheet HTML 7Page - Richtek Technology Corporation RT8092BAGWSC Datasheet HTML 8Page - Richtek Technology Corporation RT8092BAGWSC Datasheet HTML 9Page - Richtek Technology Corporation RT8092BAGWSC Datasheet HTML 10Page - Richtek Technology Corporation RT8092BAGWSC Datasheet HTML 11Page - Richtek Technology Corporation RT8092BAGWSC Datasheet HTML 12Page - Richtek Technology Corporation RT8092BAGWSC Datasheet HTML 13Page - Richtek Technology Corporation RT8092BAGWSC Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
RT8092
10
DS8092-03
January 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note 1. Stresses beyond those listed
“Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Note 2.
θJA is measured at TA = 25°C on a high effective thermal conductivity four-layer test board per JEDEC 51-7.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
SDA, SCL Input
Voltage
High-Level
1.2
--
--
V
Low-Level
--
--
0.4
Fast Mode
SCL Clock Rate
fSCL
--
--
400
kHz
Hold Time (Repeated) START
Condition.
After this Period, the First Clock
Pulse is Generated
tHD;STA
0.6
--
--
s
LOW Period of the SCL Clock
tLOW
1.3
--
--
s
HIGH Period of the SCL Clock
tHIGH
0.6
--
--
s
Set-Up Time for a Repeated
START Condition
tSU;STA
0.6
--
--
s
Data Hold Time
tHD;DAT
0
--
0.9
s
Data Set-Up Time
tSU;DAT
100
--
--
ns
Set-Up Time for STOP
Condition
tSU;STO
0.6
--
--
s
Bus Free Time between a
STOP and START Condition
tBUF
1.3
--
--
s
Rising Time of both SDA and
SCL Signals
tr
20
--
300
ns
Falling Time of both SDA and
SCL Signals
tf
20
--
300
ns
SDA and SCL Output Low Sink
Current
IOL
SDA or SCL Voltage = 0.4V
2
--
--
mA
(AVDD = 3.6V, TA = 25
°C, unless otherwise specification)
I
2C for Fast Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com