Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8092BAGWSC Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT8092BAGWSC
Description  High Efficiency Step-Down Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8092BAGWSC Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT8092BAGWSC Datasheet HTML 10Page - Richtek Technology Corporation RT8092BAGWSC Datasheet HTML 11Page - Richtek Technology Corporation RT8092BAGWSC Datasheet HTML 12Page - Richtek Technology Corporation RT8092BAGWSC Datasheet HTML 13Page - Richtek Technology Corporation RT8092BAGWSC Datasheet HTML 14Page - Richtek Technology Corporation RT8092BAGWSC Datasheet HTML 15Page - Richtek Technology Corporation RT8092BAGWSC Datasheet HTML 16Page - Richtek Technology Corporation RT8092BAGWSC Datasheet HTML 17Page - Richtek Technology Corporation RT8092BAGWSC Datasheet HTML 18Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
RT8092
14
DS8092-03
January 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Time (250
μs/Div)
Buck Load Transient Response
VOUT_ac
(50mV/Div)
IOUT
(2A/Div)
VBAT = 3.6V, VOUT = 1V,
IOUT = 2.5 to 4A, L = 0.33
μH, COUT = 22μF
Time 250ns/Div)
Buck Output Voltage Ripple
VBAT = 3.6V, VOUT = 1V,
IOUT = 3A, L = 0.33
μH, COUT = 22μF
VOUT_ac
(5mV/Div)
LX
(2V/Div)
Heavy Load
Time (500ns/Div)
Buck Output Voltage Ripple
VBAT = 3.6V, VOUT = 2.8V,
IOUT = 3A, L = 0.33
μH, COUT = 22μF
VOUT_ac
(10mV/Div)
LX
(2V/Div)
Heavy Load
Time (250ns/Div)
Buck Output Voltage Ripple
VBAT = 3.6V, VOUT = 2.8V,
IOUT = 200mA, L = 0.33
μH, COUT = 22μF
VOUT_ac
(5mV/Div)
LX
(2V/Div)
Light Load
Time (250
μs/Div)
Buck Load Transient Response
VOUT_ac
(50mV/Div)
IOUT
(2A/Div)
VBAT = 3.6V, VOUT = 2.8V,
IOUT = 2.5 to 4A, L = 0.33
μH, COUT = 22μF
Time 1
μs/Div)
Buck Output Voltage Ripple
VBAT = 3.6V, VOUT = 1V,
IOUT = 200mA, L = 0.33
μH, COUT = 22μF
VOUT_ac
(50mV/Div)
LX
(2V/Div)
Light Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com