Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 220 Page - Mitsubishi Electric Semiconductor

Part # M30620FCAFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCAFP Datasheet(HTML) 220 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCAFP Datasheet HTML 216Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 217Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 218Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 219Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 220Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 221Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 222Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 223Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 224Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 274 page
background image
CPU Rewrite Mode (Flash Memory Version)
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
220
Flash memory control register 0
Symbol
Address
When reset
FMR0
03B716
XX0000012
W
R
b7
b6
b5
b4
b3
b2 b1
b0
FMR00
Bit symbol
Bit name
Function
RW
0: Busy (being written or erased)
1: Ready
CPU rewrite mode
select bit (Note 1)
0: Normal mode
(Software commands invalid)
1: CPU rewrite mode
(Software commands acceptable)
FMR01
0: Boot ROM area is accessed
1: User ROM area is accessed
Lock bit disable
select bit (Note 2)
0: Block lock by lock bit data is
enabled
1: Block lock by lock bit data is
disabled
Flash memory reset bit
(Note 3)
0: Normal operation
1: Reset
Nothing is assigned.
When write, set "0". When read, values are indeterminate.
User ROM area select bit (
Note 4) (Effective in only
boot mode)
FMR02
FMR03
FMR05
0
Note 1: For this bit to be set to “1”, the user needs to write a “0” and then a “1” to it in
succession. When it is not this procedure, it is not enacted in “1”. This is necessary to
ensure that no interrupt or DMA transfer will be executed during the interval. Write to
this bit only when executing out of an area other than the internal flash memory. Also
only when NMI pin is “H” level. Clear this bit to “0” after read array command.
Note 2: For this bit to be set to “1”, the user needs to write a “0” and then a “1” to it in succession
when the CPU rewrite mode select bit = “1”. When it is not this procedure, it is not
enacted in “1”. This is necessary to ensure that no interrupt or DMA transfer will be
executed during the interval.
Note 3: Effective only when the CPU rewrite mode select bit = 1. Set this bit to 0 subsequently
after setting it to 1 (reset).
Note 4: Write to this bit only when executing out of an area other than the internal flash memory.
RY/BY status flag
Flash memory control register 1
Symbol
Address
When reset
FMR1
03B616
XXXX0XXX2
W
R
b7
b6
b5 b4
b3
b2
b1
b0
Bit symbol
Bit name
Function
RW
Flash memory power
supply-OFF bit (Note)
0: Flash memory power supply is
connected
1: Flash memory power supply-off
FMR13
0
Note : For this bit to be set to “1”, the user needs to write a “0” and then a “1” to it in
succession. When it is not this procedure, it is not enacted in “1”. This is necessary to
ensure that no interrupt or DMA transfer will be executed during the interval. During
parallel I/O mode,programming,erase or read of flash memory is not controlled by this
bit,only by external pins. Write to this bit only when executing out of an area other than
the internal flash memory.
0
0
00
0
Reserved bit
Must always be set to “0”
Reserved bit
Must always be set to “0”
Reserved bit
Must always be set to “0”
0
Figure 1.26.1. Flash memory control registers
Figure 1.26.2 shows a flowchart for setting/releasing the CPU rewrite mode. Figure 1.26.3 shows a flow-
chart for shifting to the low speed mode. Always perform operation as indicated in these flowcharts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com