Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 222 Page - Mitsubishi Electric Semiconductor

Part # M30620FCAFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCAFP Datasheet(HTML) 222 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCAFP Datasheet HTML 218Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 219Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 220Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 221Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 222Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 223Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 224Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 225Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 226Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 274 page
background image
CPU Rewrite Mode (Flash Memory Version)
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
222
Precautions on CPU Rewrite Mode
Described below are the precautions to be observed when rewriting the flash memory in CPU rewrite
mode.
(1) Operation speed
During CPU rewrite mode, set the BCLK as shown below using the main clock divide ratio select bit
(bit 6 at address 000616 and bits 6 and 7 at address 000716):
6.25 MHz or less when wait bit (bit 7 at address 000516) = 0 (without internal access wait state)
12.5 MHz or less when wait bit (bit 7 at address 000516) = 1 (with internal access wait state)
(2) Instructions inhibited against use
The instructions listed below cannot be used during CPU rewrite mode because they refer to the
internal data of the flash memory:
UND instruction, INTO instruction, JMPS instruction, JSRS instruction, and BRK instruction
(3) Interrupts inhibited against use
The address match interrupt cannot be used during CPU rewrite mode because they refer to the
internal data of the flash memory. If interrupts have their vector in the variable vector table, they can be
_______
used by transferring the vector into the RAM area. The NMI and watchdog timer interrupts can be
used because the flash memory conterol register 0 and 1 is forcibly initialized and return to normal
mode when each interrupt occurs. But it is needed that the jump addresses for each interrupt are set
in the fixed vector table and there is an interrupt program. Since the rewrite operation is halted when
_______
the NMI and watchdog timer interrupts occur, it is needed that CPU rewriting mode select bit is set to
“1” and the erase/program operation is performed over again.
(4) Internal reserved area expansion bit (Bit 3 at address 000516)
The reserved area of the internal memory can be changed by using the internal reserved area expan-
sion bit (bit 3 at address 000516). However, if the CPU rewrite mode select bit (bit 1 at address 03B716)
is set to 1, the internal reserved area expansion bit (bit 3 at address 000516) also is set to 1 automati-
cally. Similarly, if the CPU rewrite mode select bit (bit 1 at address 03B716) is set to 0, the internal
reserved area expansion bit (bit 3 at address 000516) also is set to 0 automatically.
The precautions above apply to the products which RAM size is over 15 Kbytes or flash memory size
is over 192 Kbytes.
(5) Reset
Reset input is always accepted. After a reset, the addresses 0C000016 through 0CFFFF16 are made
a reserved area and cannot be accessed. Therefore, if your product has this area in the user ROM
area, do not write any address of this area to the reset vector. This area is made accessible by
changing the internal reserved area expansion bit (bit 3 at address 000516) in a program.
(6) Access disable
Write CPU rewrite mode select bit, flash memory power supply-OFF bit and user ROM area select bit
only when executing out of an area other than the internal flash memory.
(7) How to access
For CPU rewrite mode select bit, lock bit disable select bit, and flash memory power supply-OFF bit to
be set to “1”, the user needs to write a “0” and then a “1” to it in succession. When it is not this
procedure, it is not enacted in “1”. This is necessary to ensure that no interrupt or DMA transfer will be
executed during the interval.
Write CPU rewrite mode select bit only when executing out of an area other than the internal flash
_______
memory. Also only when NMI pin is “H” level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com