Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 226 Page - Mitsubishi Electric Semiconductor

Part # M30620FCAFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCAFP Datasheet(HTML) 226 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCAFP Datasheet HTML 222Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 223Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 224Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 225Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 226Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 227Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 228Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 229Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 230Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 274 page
background image
CPU Rewrite Mode (Flash Memory Version)
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
226
Write 2016
Write D016
Block address
Check full status
check(Note)
Block erase
completed
Start
RY/BY status flag
= 1?
NO
YES
Error
Erase error
Note: Refer to Figure 1.26.8.
Figure 1.26.5. Block erase flowchart
Block Erase Command (2016/D016)
By writing the command code “2016” in the first bus cycle and the confirmation command code “D016”
in the second bus cycle that follows to the block address of a flash memory block, the system initiates
an auto erase (erase and erase verify) operation.
Whether the auto erase operation is completed can be confirmed by reading the status register or the
flash memory control register 0. At the same time the auto erase operation starts, the read status
register mode is automatically entered, so the content of the status register can be read out. The
status register bit 7 (SR7) is set to 0 at the same time the auto erase operation starts and is returned
to 1 upon completion of the auto erase operation. In this case, the read status register mode remains
active until the Read Array command (FF16) or Read Lock Bit Status command (7116) is written or the
flash memory is reset using its reset bit.
____
The RY/BY status flag of the flash memory control register 0 is 0 during auto erase operation and 1
when the auto erase operation is completed as is the status register bit 7.
After the auto erase operation is completed, the status register can be read out to know the result of
the auto erase operation. For details, refer to the section where the status register is detailed.
Figure 1.26.5 shows an example of a block erase flowchart.
Each block of the flash memory can be protected against erasure by using a lock bit. For details, refer
to the section where the data protect function is detailed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com