Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 230 Page - Mitsubishi Electric Semiconductor

Part # M30620FCAFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCAFP Datasheet(HTML) 230 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCAFP Datasheet HTML 226Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 227Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 228Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 229Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 230Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 231Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 232Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 233Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 234Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 274 page
background image
CPU Rewrite Mode (Flash Memory Version)
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
230
Each bit of
SRD
SR4 (bit4)
SR5 (bit5)
SR7 (bit7)
SR6 (bit6)
Status name
Definition
SR1 (bit1)
SR2 (bit2)
SR3 (bit3)
SR0 (bit0)
"1"
"0"
Program status
Erase status
Write state machine (WSM) status
Reserved
Reserved
Reserved
Block status after program
Reserved
Ready
Busy
Terminated in error
Terminated in error
Terminated in error
Terminated normally
Terminated normally
Terminated normally
-
-
-
-
-
-
-
-
Program status (SR4)
The program status informs the operating status of auto write operation to the CPU. When a write
error occurs, it is set to “1”.
The program status is reset to “0” when cleared.
When an erase command is in error (which occurs if the command entered after the block erase
command (2016) is not the confirmation command (D016), both the program status and erase status
(SR5) are set to “1”.
When the program status or erase status = “1”, only the following flash commands will be accepted:
Read Array, Read Status Register, and Clear Status Register.
Also, in one of the following cases, both SR4 and SR5 are set to “1” (command sequence error):
(1) When the valid command is not entered correctly
(2) When the data entered in the second bus cycle of lock bit program (7716/D016), block erase
(2016/D016), or erase all unlock blocks (A716/D016) is not the D016 or FF16. However, if FF16 is
entered, read array is assumed and the command that has been set up in the first bus cycle is
canceled.
Block status after program (SR3)
If excessive data is written (phenomenon whereby the memory cell becomes depressed which results
in data not being read correctly), “1” is set for the program status after-program at the end of the page
write operation. In other words, when writing ends successfully, “8016” is output; when writing fails,
“9016” is output; and when excessive data is written, “8816” is output.
Table 1.26.2. Definition of each bit in status register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com