Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 241 Page - Mitsubishi Electric Semiconductor

Part # M30620FCAFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCAFP Datasheet(HTML) 241 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCAFP Datasheet HTML 237Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 238Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 239Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 240Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 241Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 242Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 243Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 244Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 245Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 274 page
background image
Appendix Standard Serial I/O Mode 1 (Flash Memory Version)
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
241
Page Read Command
This command reads the specified page (256 bytes) in the flash memory sequentially one byte at a
time. Execute the page read command as explained here following.
(1) Transfer the “FF16” command code with the 1st byte.
(2) Transfer addresses A8 to A15 and A16 to A23 with the 2nd and 3rd bytes respectively.
(3) From the 4th byte onward, data (D0–D7) for the page (256 bytes) specified with addresses A8 to
A23 will be output sequentially from the smallest address first in sync with the fall of the clock.
Figure 1.29.3. Timing for page read
Read Status Register Command
This command reads status information. When the “7016” command code is sent with the 1st byte, the
contents of the status register (SRD) specified with the 2nd byte and the contents of status register 1
(SRD1) specified with the 3rd byte are read.
Figure 1.29.4. Timing for reading the status register
data0
data255
CLK1
RxD1
TxD1
RTS1(BUSY)
A8 to
A15
A16 to
A23
FF16
(M16C reception data)
(M16C transmit data)
SRD
output
SRD1
output
CLK1
RxD1
TxD1
RTS1(BUSY)
7016
(M16C reception data)
(M16C transmit data)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com