Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 243 Page - Mitsubishi Electric Semiconductor

Part # M30620FCAFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCAFP Datasheet(HTML) 243 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCAFP Datasheet HTML 239Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 240Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 241Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 242Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 243Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 244Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 245Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 246Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 247Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 274 page
background image
Appendix Standard Serial I/O Mode 1 (Flash Memory Version)
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
243
Block Erase Command
This command erases the data in the specified block. Execute the block erase command as explained
here following.
(1) Transfer the “2016” command code with the 1st byte.
(2) Transfer addresses A8 to A15 and A16 to A23 with the 2nd and 3rd bytes respectively.
(3) Transfer the verify command code “D016” with the 4th byte. With the verify command code, the
erase operation will start for the specified block in the flash memory. Write the highest address of
the specified block for addresses A8 to A23.
When block erasing ends, the RTS1 (BUSY) signal changes from the “H” to the “L” level. After block
erase ends, the result of the block erase operation can be known by reading the status register. For
more information, see the section on the status register.
Each block can be erase-protected with the lock bit. For more information, see the section on the data
protection function.
Figure 1.29.7. Timing for block erasing
A8 to
A15
A16 to
A23
2016
D016
CLK1
RxD1
TxD1
RTS1(BUSY)
(M16C reception data)
(M16C transmit data)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com