Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 251 Page - Mitsubishi Electric Semiconductor

Part # M30620FCAFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCAFP Datasheet(HTML) 251 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCAFP Datasheet HTML 247Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 248Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 249Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 250Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 251Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 252Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 253Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 254Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 255Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 274 page
background image
Appendix Standard Serial I/O Mode 1 (Flash Memory Version)
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
251
Status Register (SRD)
The status register indicates operating status of the flash memory and status such as whether an erase
operation or a program ended successfully or in error. It can be read by writing the read status register
command (7016). Also, the status register is cleared by writing the clear status register command (5016).
Table 1.29.2 gives the definition of each status register bit. After clearing the reset, the status register
outputs “8016”.
Table 1.29.2. Status register (SRD)
Write State Machine (WSM) Status (SR7)
The write state machine (WSM) status indicates the operating status of the flash memory. When
power is turned on, “1” (ready) is set for it. The bit is set to “0” (busy) during an auto write or auto erase
operation, but it is set back to “1” when the operation ends.
Erase Status (SR5)
The erase status reports the operating status of the auto erase operation. If an erase error occurs, it is
set to “1”. When the erase status is cleared, it is set to “0”.
Program Status (SR4)
The program status reports the operating status of the auto write operation. If a write error occurs, it is
set to “1”. When the program status is cleared, it is set to “0”.
Block Status After Program (SR3)
If excessive data is written (phenomenon whereby the memory cell becomes depressed which results
in data not being read correctly), “1” is set for the block status after-program at the end of the page
write operation. In other words, when writing ends successfully, “8016” is output; when writing fails,
“9016” is output; and when excessive data is written, “8816” is output.
If “1” is written for any of the SR5, SR4 or SR3 bits, the page program, block erase, erase all unlocked
blocks and lock bit program commands are not accepted. Before executing these commands, execute
the clear status register command (5016) and clear the status register.
SRD0 bits
SR7 (bit7)
SR6 (bit6)
SR5 (bit5)
SR4 (bit4)
SR3 (bit3)
SR2 (bit2)
SR1 (bit1)
SR0 (bit0)
Status name
Write state machine (WSM) status
Reserved
Erase status
Program status
Block status after program
Reserved
Reserved
Reserved
Definition
"1"
"0"
Ready
-
Terminated in error
Terminated in error
Terminated in error
-
-
-
Busy
-
Terminated normally
Terminated normally
Terminated normally
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com