Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 253 Page - Mitsubishi Electric Semiconductor

Part # M30620FCAFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCAFP Datasheet(HTML) 253 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCAFP Datasheet HTML 249Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 250Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 251Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 252Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 253Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 254Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 255Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 256Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 257Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 274 page
background image
Appendix Standard Serial I/O Mode 1 (Flash Memory Version)
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
253
Full Status Check
Results from executed erase and program operations can be known by running a full status check. Figure
1.29.20 shows a flowchart of the full status check and explains how to remedy errors which occur.
Read status register
SR4=1 and SR5
=1 ?
NO
Command
sequence error
YES
SR5=0?
YES
Block erase error
NO
SR4=0?
YES
Program error (page
or lock bit)
NO
SR3=0?
YES
Program error
(block)
NO
End (block erase, program)
Execute the clear status register command (5016)
to clear the status register. Try performing the
operation one more time after confirming that the
command is entered correctly.
Should a block erase error occur, the block in error
cannot be used.
Execute the read lock bit status command (7116)
to see if the block is locked. After removing lock,
execute write operation in the same way. If the
error still occurs, the page in error cannot be
used.
After erasing the block in error, execute write
operation one more time. If the same error still
occurs, the block in error cannot be used.
Note: When one of SR5 to SR3 is set to 1, none of the page program, block erase,
erase all unlock blocks and lock bit program commands is accepted. Execute the
clear status register command (5016) before executing these commands.
Figure 1.29.20. Full status check flowchart and remedial procedure for errors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com