Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 256 Page - Mitsubishi Electric Semiconductor

Part # M30620FCAFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCAFP Datasheet(HTML) 256 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCAFP Datasheet HTML 252Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 253Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 254Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 255Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 256Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 257Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 258Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 259Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 260Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 274 page
background image
Appendix Standard Serial I/O Mode 2 (Flash Memory Version)
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
256
How frequency is identified
When "0016" data is received 16 times from a peripheral unit at a baud rate of 9,600 bps, the value of the
bit rate generator is set to match the operating frequency (2 - 16 MHz). The highest speed is taken from
the first 8 transmissions and the lowest from the last 8. These values are then used to calculate the bit
rate generator value for a baud rate of 9,600 bps.
Baud rate cannot be attained with some operating frequencies. Table 1.29.4 gives the operation fre-
quency and the baud rate that can be attained for.
Table 1.29.4 Operation frequency and the baud rate
Operation frequency
(MHZ)
Baud rate
9,600bps
Baud rate
19,200bps
Baud rate
38,400bps
Baud rate
57,600bps
16MHZ
12MHZ
11MHZ
10MHZ
8MHZ
7.3728MHZ
6MHZ
5MHZ
4.5MHZ
4.194304MHZ
4MHZ
3.58MHZ
3MHZ
2MHZ
: Communications possible
– : Communications not possible
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com