Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 270 Page - Mitsubishi Electric Semiconductor

Part # M30620FCAFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCAFP Datasheet(HTML) 270 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCAFP Datasheet HTML 266Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 267Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 268Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 269Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 270Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 271Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 272Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 273Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 274Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 270 / 274 page
background image
Contents for change
Revision
date
Version
Revision history
M16C/62A Group data sheet
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
270
Revision History
REV.A1
99.12.21
Page 145 Note 2
• Before data can be written to the SI/Oi transmit/receive register (addresses
036016, 036416), the CLKi pin input must be in the low state. Also, before rewriting
the SI/Oi Control Register (addresses 036216, 036616)’s bit 7 (SOUTi initial value
set bit), make sure the CLKi pin input is held low. ---> • Before data can be written
to the SI/Oi transmit/receive register (addresses 036016, 036416), the CLKi pin
input must be in the high state. Also, before rewriting the SI/Oi Control Register
(addresses 036216, 036616)’s bit 7 (SOUTi initial value set bit), make sure the CLKi
pin input is held high.
00.7.3
REV. A2
Page 43, Figure 1.10.6
Note: Writing a value to an address after “1” is written to this bit returns the bit to
“0” . Other bits do not automatically return to “0” and they must therefore
be reset by the program.
Page 144, Figure 1.16.32, bit 5 of the SI/Oi control register (i=3, 4)
Transfer direction lect bit --->Transfer direction select bit
Page 144, Figure 1.16.32, Note 2
When using the port as an input/output port by setting the SI/Oi port select bit (i =
3, 4) to “1”, be sure to set the sync clock select bit to “1”.
--->
When using the port as an input/output port by setting the SI/Oi port select bit (i =
3, 4) to “0”, be sure to set the sync clock select bit to “1”.
00.7.10
Page 115, 139, Bit 3 of the UART2 special mode register 2 (bit symbol)
ASL --> ALS
01.3.27
REV. B
Page 2 Note is added in Figure 1.1.1.
Page 3 Note is added in Figure 1.1.2.
Page 10 Explanation of “Memory” is partly revised.
Page 10 Figure 1.3.1 is partly revised.
Page 22 Figure 1.7.1 is partly revised.
Page 23 Figure 1.7.2 is partly revised.
Page 23 “Internal Reserved Area Expansion Bit (PM13)” is added.
Page 24 Figure 1.7.3 is partly revised.
Page 25 Explanation of “(3) Selecting separate/multiplex bus” is partly revised.
Page 28 Explanation of “(2) Chip select signal” is partly added.
Page 29 Figure 1.9.2 is added.
Page 37 Explanation of “(2) Sub-clock” is partly revised.
Page 38 Figure 1.10.4 is partly revised.
Page 39 Explanation of “Stop Mode” is partly revised.
Page 39 Table 1.10.2 is partly revised.
Page 40 Explanation of “Wait Mode” is partly revised.
Page 40 Table 1.10.3 is partly revised.
Page 42 Explanation of “Power Control” is partly revised.
Page 62 Explanation of “Address Match Interruptl” is partly revised.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com