Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 271 Page - Mitsubishi Electric Semiconductor

Part # M30620FCAFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCAFP Datasheet(HTML) 271 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCAFP Datasheet HTML 266Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 267Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 268Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 269Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 270Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 271Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 272Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 273Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 274Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 271 / 274 page
background image
Contents for change
Revision
date
Version
Revision history
M16C/62A Group data sheet
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
271
Page 63 Explanation of “Precautions for Interrupts” is partly revised.
Page 64 Note is added in Figure 1.11.13.
Page 65 Explanation of “Watchdog Timer” is partly revised.
Page 73 Table 1.13.5 is partly revised.
Page 75 Explanation of “DMA request bit” is partly revised.
Page 80 Figure 1.14.5 is partly revised.
Page 84 Table 1.14.3 is partly revised.
Page 93 Table 1.14.8 is partly revised.
Page 93 Figure 1.14.19 is partly revised.
Page 95 Figure 1.15.1 is partly revised.
Page 96 Figure 1.15.2 is partly revised.
Page 97 Figure 1.15.3 is partly revised.
Page 98-99 Explanation of “Three-phase motor driving waveform output mode” is partly
revised.
Page 98 Figure 1.15.4 is partly revised.
Page 100 Figure 1.15.5 is partly revised.
Page 101 Explanation of “Triangular wave modulation” is partly revised.
Page 103 Figure 1.15.7 is partly revised.
Page 104 Explanation of “Satooth modulation” is partly revised.
Page 106 Figure 1.15.9 is partly revised.
Page 111 Figure 1.16.4 is partly revised.
Page 114 Figure 1.16.7 is partly revised.
Page 115 Figure 1.16.8 is partly revised.
Page 116 Figure 1.16.9 is partly revised.
Page 123 Explanation of “(d) Bus collision detection function (UART2)” is partly revised.
Page 134 Explanation of “(a) Function for outputting a parity error signal” is revised.
Page 136 Figure 1.16.26 is partly revised.
Page 141 Table 1.16.12 is partly revised.
Page 145 Figure 1.16.32 is partly revised.
Page 146 Table 1.16.13 is partly revised.
Page 148 Note 2 in Table 1.17.1 is partly revised.
Page 153 Table 1.17.3 is partly revised.
Page 157 Explanation of “(a) Sample and hold” is partly revised.
Page 162 Explanation of “Programmable I/O Ports” is partly revised.
Page 167 Note 2 is added in Figure 1.20.6.
Page 168 Note 2 is added in Figure 1.20.7.
Page 169 Figure 1.20.8 is partly revised.
Page 171 Table 1.20.1 and Table 1.20.2 are partly revised.
“Usage Precaution” is excluded (which have described on pages 171-174 of Rev. A2).
Page 172 Explanation of “Items to be submitted when ordering masked ROM version” is
revised.
Page 173-199 All symbols of Ta are revised to Topr.
Page 188 Table 1.23.23 is partly revised.
Page 216 Table 1.25.1 is partly revised.
Page 219 Explanation of “Outline Performance (CPU Rewrite Mode)” is partly revised.
01.3.27
REV. B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com