Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 141 Page - Mitsubishi Electric Semiconductor

Part # M30620FCAFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCAFP Datasheet(HTML) 141 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCAFP Datasheet HTML 137Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 138Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 139Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 140Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 141Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 142Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 143Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 144Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 145Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 274 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
UART2 Special Mode Register 2
141
Bit 0 of the UART2 special mode register 2 (address 037616) is used as the I2C mode select bit 2. Table
1.16.11 shows the types of control to be changed by I2C mode select bit 2 when the I2C mode select bit
is set to “1”. Table 1.16.12 shows the timing characteristics of detecting the start condition and the stop
condition. Set the start/stop condition control bit (bit 7 of UART2 special mode register 2) to “1” in I2C
mode.
Function
IICM2 = 1
IICM2 = 0
Factor of interrupt number 15
No acknowledgment detection (NACK)
UART2 transmission (the rising edge
of the final bit of the clock)
Factor of interrupt number 16
Acknowledgment detection (ACK)
UART2 reception (the falling edge
of the final bit of the clock)
DMA1 factor at the time when 1 1 0 1
is assigned to the DMA request
factor selection bits
Acknowledgment detection (ACK)
UART2 reception (the falling edge of
the final bit of the clock)
Timing for transferring data from the
UART2 reception shift register to the
reception buffer.
The rising edge of the final bit of the
reception clock
The falling edge of the final bit of the
reception clock
Timing for generating a UART2
reception/ACK interrupt request
The rising edge of the final bit of the
reception clock
The falling edge of the final bit of the
reception clock
1
2
3
4
5
3 to 6 cycles < duration for setting-up (Note2)
3 to 6 cycles < duration for holding (Note2)
Note 1 : When the start/stop condition control bit SHTC is “1” .
Note 2 : “Cycles” is in terms of the input oscillation frequency f(XIN) of the main clock.
Duration for
setting up
Duration for
holding
SCL
SDA
(Start condition)
SDA
(Stop condition)
Table 1.16.11. Functions changed by I2C mode select bit 2
Table 1.16.12. Timing characteristics of detecting the start condition and the stop condition (Note1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com