Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 142 Page - Mitsubishi Electric Semiconductor

Part # M30620FCAFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCAFP Datasheet(HTML) 142 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCAFP Datasheet HTML 138Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 139Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 140Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 141Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 142Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 143Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 144Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 145Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 146Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 274 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
UART2 Special Mode Register 2
142
P70/TxD2/SDA
P71/RxD2/SCL
CLK
control
P72/CLK2
Falling edge
detection
UART2 reception/ACK interrupt
request, DMA1 request
To DMA0, DMA1
To DMA0
2
P70 through P72 conforming to the simplified I C bus
I/O
Timer
UART2
Timer
UART2
IICM=1 (SDDS=0) or
DL=000 (SDDS=1)
IICM=0
or IICM2=1
IICM=1
and IICM2=0
SDHI
Noize
Filter
Timer
UART2
UART2
I/O
D
T
Q
D
T
Q
D
T
Q
NACK
ACK
UART2
UART2
IICM=1
IICM=0
IICM=0
IICM=1
IICM=1
IICM=0
S
R
Q
IICM=1
IICM=0
I/O
R
Q
ALS
IICM=0 or
DL
≠000 (SDDS=1)
SDDS=0
or DL=000
SDDS=1 and
DL
≠000
SWC2
Falling edge of 9 bit
SWC
IICM=1
and IICM2=0
IICM=0
or IICM2=1
Selector
Selector
Selector
Noize
Filter
Noize
Filter
*
With IICM set to 1, the port terminal is to be readable
even if 1 is assigned to P7 1 of the direction register.
Port reading
External clock
Internal clock
9th pulse
Bus collision
detection
Bus collision/start, stop condition
detection interrupt request
UART2 transmission/
NACK interrupt request
Start condition
detection
Stop condition
detection
L-synchronous
output enabling
bit
(Port P71 output data latch)
Data bus
Reception register
Bus busy
Transmission
register
Arbitration
Analog
delay
Digital delay
(Divider)
Functions available in I2C mode are shown in Figure 1.16.30 — a functional block diagram.
Bit 3 of the UART2 special mode register 2 (address 037616) is used as the SDA output stop bit. Setting
this bit to “1” causes an arbitration loss to occur, and the SDA pin turns to high-impedance state at the
instant when the arbitration lost detecting flag is set to “1”.
Bit 1 of the UART2 special mode register 2 (address 037616) is used as the clock synchronization bit.
With this bit set to “1” at the time when the internal SCL is set to “H”, the internal SCL turns to “L” if the
falling edge is found in the SCL pin; and the baud rate generator reloads the set value, and start counting
within the “L” interval. When the internal SCL changes from “L” to “H” with the SCL pin set to “L”, stops
counting the baud rate generator, and starts counting it again when the SCL pin turns to “H”. Due to this
function, the UART2 transmission-reception clock becomes the logical product of the signal flowing
through the internal SCL and that flowing through the SCL pin. This function operates over the period
from the moment earlier by a half cycle than falling edge of the UART2 first clock to the rising edge of the
ninth bit. To use this function, choose the internal clock for the transfer clock.
Bit 2 of the UART2 special mode register 2 (037616) is used as the SCL wait output bit. Setting this bit to
“1” causes the SCL pin to be fixed to “L” at the falling edge of the ninth bit of the clock. Setting this bit to
“0” frees the output fixed to “L”.
Figure 1.16.30. Functional block diagram for I2C mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com