Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-SFUS Datasheet(PDF) 5 Page - ON Semiconductor

Part # AX-SFUS
Description  Ultra-Low Power
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SFUS Datasheet(HTML) 5 Page - ON Semiconductor

  AX-SFUS Datasheet HTML 1Page - ON Semiconductor AX-SFUS Datasheet HTML 2Page - ON Semiconductor AX-SFUS Datasheet HTML 3Page - ON Semiconductor AX-SFUS Datasheet HTML 4Page - ON Semiconductor AX-SFUS Datasheet HTML 5Page - ON Semiconductor AX-SFUS Datasheet HTML 6Page - ON Semiconductor AX-SFUS Datasheet HTML 7Page - ON Semiconductor AX-SFUS Datasheet HTML 8Page - ON Semiconductor AX-SFUS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AX−SFUS, AX−SFUS−API
www.onsemi.com
5
SPECIFICATIONS
Table 3. ABSOLUTE MAXIMUM RATINGS
Symbol
Description
Condition
Min
Max
Units
VDD_IO
Supply voltage
−0.5
5.5
V
IDD
Supply current
200
mA
Ptot
Total power consumption
800
mW
Pi
Absolute maximum input power at receiver input
ANTP and ANTN
pins in RX mode
10
dBm
II1
DC current into any pin except ANTP, ANTN, ANTP1
−10
10
mA
II2
DC current into pins ANTP, ANTN, ANTP1
−100
100
mA
IO
Output Current
40
mA
Via
Input voltage ANTP, ANTN, ANTP1 pins
−0.5
5.5
V
Input voltage digital pins
−0.5
5.5
V
Ves
Electrostatic handling
HBM
−2000
2000
V
Tamb
Operating temperature
−40
85
°C
Tstg
Storage temperature
−65
150
°C
Tj
Junction Temperature
150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com