Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-SFUS Datasheet(PDF) 4 Page - ON Semiconductor

Part # AX-SFUS
Description  Ultra-Low Power
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SFUS Datasheet(HTML) 4 Page - ON Semiconductor

  AX-SFUS Datasheet HTML 1Page - ON Semiconductor AX-SFUS Datasheet HTML 2Page - ON Semiconductor AX-SFUS Datasheet HTML 3Page - ON Semiconductor AX-SFUS Datasheet HTML 4Page - ON Semiconductor AX-SFUS Datasheet HTML 5Page - ON Semiconductor AX-SFUS Datasheet HTML 6Page - ON Semiconductor AX-SFUS Datasheet HTML 7Page - ON Semiconductor AX-SFUS Datasheet HTML 8Page - ON Semiconductor AX-SFUS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AX−SFUS, AX−SFUS−API
www.onsemi.com
4
Table 1. PIN FUNCTION DESCRIPTIONS
Description
Type
Pin(s)
Symbol
CLKP
40
A
TCXO interface
GND
Center pad
P
Ground on center pad of QFN, must be connected
A = analog input
I = digital input signal
O = digital output signal
PU = pull−up
I/O = digital input/output signal
N = not to be connected
P = power or ground
PD = pull−down
All digital inputs are Schmitt trigger inputs, digital input
and output levels are LVCMOS/LVTTL compatible. Pins
GPIO[3:0] must not be driven above VDD_IO, all other
digital inputs are 5 V tolerant. All GPIO pins and UARTRX
start up as input with pull−up. For explanations on how to
use the GPIO pins, see chapter “AT Commands”.
Table 2.
Pin
Possible GPIO Modes
GPIO0
0, 1, Z, U, A, T
GPIO1
0, 1, Z, U, A
GPIO4
0, 1, Z, U, T
GPIO5
0, 1, Z, U
GPIO6
0, 1, Z, U
GPIO7
0, 1, Z, U
GPIO8
0, 1, Z, U
GPIO9
0, 1, Z, U
0 = pin drives
1 = not to be connected
Z = pin is high impedance input
U = pin is input with pull−up
A = pin is analog input
T = pin is driven by clock or DAC
Pinout Drawing
Figure 2. Pinout Drawing (Top View)
AX−SFEU / AX−SFEU−API
QFN40
8
7
6
5
4
3
2
1
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
40
39
38
37
36
35
34
33
32
31
30
29
VDD_ANA
ANTP
GND
ANTN
ANTP1
GND
GND
VDD_ANA
GND
RESET_N
GPIO9
UARTTX
UARTRX
RXLED
TXLED
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com